Electronic Components Datasheet Search
  English  ▼

X  

TLE2301INE Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INE
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLE2301INE Datasheet HTML 7Page - Texas Instruments TLE2301INE Datasheet HTML 8Page - Texas Instruments TLE2301INE Datasheet HTML 9Page - Texas Instruments TLE2301INE Datasheet HTML 10Page - Texas Instruments TLE2301INE Datasheet HTML 11Page - Texas Instruments TLE2301INE Datasheet HTML 12Page - Texas Instruments TLE2301INE Datasheet HTML 13Page - Texas Instruments TLE2301INE Datasheet HTML 14Page - Texas Instruments TLE2301INE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
7.5
5
2.5
0
0
200
400
600
10
12.5
MAXIMUM POSITIVE PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
15
800
1000
VCC
± = ±15 V
IO – Output Current – mA
TA = 25°C
VCC
± = ±5 V
Figure 12
– 7.5
– 5
– 2.5
0
0
200
400
600
– 10
– 12.5
MAXIMUM NEGATIVE PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
– 15
800
1000
VCC
± = ±15 V
IO – Output Current – mA
TA = 25°C
VCC
± = ±5 V
Figure 13
02
4
6
8
10
12
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
14
16
18
20
–20
–15
–10
–5
0
5
10
15
20
RL = 20 Ω
TA = 25°C
VOM+
VOM–
VCC
± – Supply Voltage – V
Figure 14
10
0.1
100
0.001
0.01
0.1
1
10
100
1000
t – On Time – s
TRANSIENT JUNCTION-TO-AMBIENT
THERMAL IMPEDANCE†
vs
ON TIME
d = 50%
d = 20%
d = 10%
d = 5%
d = 2%
Single Pulse
1
Figure 15
† d = duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com