Electronic Components Datasheet Search
  English  ▼

X  

TLE2301INE Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INE
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INE Datasheet(HTML) 1 Page - Texas Instruments

  TLE2301INE Datasheet HTML 1Page - Texas Instruments TLE2301INE Datasheet HTML 2Page - Texas Instruments TLE2301INE Datasheet HTML 3Page - Texas Instruments TLE2301INE Datasheet HTML 4Page - Texas Instruments TLE2301INE Datasheet HTML 5Page - Texas Instruments TLE2301INE Datasheet HTML 6Page - Texas Instruments TLE2301INE Datasheet HTML 7Page - Texas Instruments TLE2301INE Datasheet HTML 8Page - Texas Instruments TLE2301INE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High Output Drive Capability...1 A Min
D 3-State Outputs
D High Gain-Bandwidth Product
8 MHz Typ
D Low Total Harmonic Distortion
< 0.08% Typ
D High Slew Rate...12 V/µs Typ
D Class AB Output Stage
D Thermal Shutdown
D Mains-Line Driver Circuit Application
Included
description
The TLE2301 is a power operational amplifier that
can deliver an output current of 1 A at high
frequencies
with
very
low
total
harmonic
distortion. The device has an integral 3-state
mode
to
drive
the
output
stage
into
a
high-impedance state and also to reduce the
supply current to less than 3.5 mA.
The combination of high output current and
3-state outputs makes the TLE2301 ideal for
implementing the signalling transformer driver in
mains-based
telemetering
modems.
This
combination of features also makes the device
well suited for other high-current applications
(e.g., motor drivers and audio circuits).
Using
the
Texas
Instruments
established
Excalibur process, the TLE2301 is able to achieve
slew rates in excess of 12 V/
µs and a gain-
bandwidth product of 8 MHz. The TLE2301 uses
a 16-pin NE power package to provide better
power handling capabilities than standard dual-in-
line packages.
The TLE2301 is characterized for operation over
the industrial temperature range of – 40
°C to
85
°C.
AVAILABLE OPTION
PACKAGE
TA
VIOmax AT 25°C
THERMALLY-ENHANCED
PLASTIC DIP
(NE)
–40
°C to 85°C
10 mV
TLE2301INE
Copyright
© 1993, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COMP2
VCC+
OUT1
VCC–
VCC–
OUT2
VCC+
TRS2
COMP1
VCC–
1N +
VCC–
VCC–
IN –
VCC–
TRS1
NE PACKAGE
(TOP VIEW)
Terminals 4, 5, 12 and 13 are
connected to the lead frame.
4
3
1
0
100
1 k
10 k
100 k
5
7
8
1 M
10 M
2
6
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
f – Frequency – Hz
VCC
± = ±5 V
TA = 25°C
RL = 4.3 Ω
RL = 8.1 Ω
RL = 20 Ω
Figure 1


Similar Part No. - TLE2301INE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2301INE TI-TLE2301INE Datasheet
324Kb / 22P
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
TLE2301INE TI2-TLE2301INE Datasheet
402Kb / 24P
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
DECEMBER 1993
TLE2301INE.A TI2-TLE2301INE.A Datasheet
402Kb / 24P
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
DECEMBER 1993
More results

Similar Description - TLE2301INE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2301 TI-TLE2301 Datasheet
324Kb / 22P
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA646 BURR-BROWN-OPA646 Datasheet
165Kb / 13P
Low Power, Wide Bandwidth OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
Texas Instruments
TLC072-Q1 TI1-TLC072-Q1 Datasheet
412Kb / 21P
WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TLC072-Q1 TI-TLC072-Q1_15 Datasheet
907Kb / 24P
WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com