Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8115 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC8115 Datasheet HTML 1Page - Micrel Semiconductor MIC8115 Datasheet HTML 2Page - Micrel Semiconductor MIC8115 Datasheet HTML 3Page - Micrel Semiconductor MIC8115 Datasheet HTML 4Page - Micrel Semiconductor MIC8115 Datasheet HTML 5Page - Micrel Semiconductor MIC8115 Datasheet HTML 6Page - Micrel Semiconductor MIC8115 Datasheet HTML 7Page - Micrel Semiconductor MIC8115 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
The MIC8115 is an inexpensive microprocessor reset
circuit that monitor power supplies in microprocessor
based systems.
The function of this device is to assert a reset if either
the power supply drops below a designated reset
threshold level or MR is forced low.
The MIC8115 has an active low RESET output. The
reset output is guaranteed to remain asserted for a
minimum of 1100ms after VCC has risen above the
designated reset threshold level. The MIC8115 comes
in a 4-pin SOT-143 package.
MR
1
2
4 VCC
GND
MIC8115
RESET
3
Top View
Part
Package
Temp. Range
MIC8115TU
4-Lead SOT-143
-40°C to +85°C
Place the device suffix of desired reset threshold voltage from table above in
blank to complete the part number.
· Portable Equipment
· Intelligent Instruments
· Critical Microprocessor Power Monitoring
· Printers/Computers
· Controllers
· RESET Remains Valid with VCC as Low
as 1.4V
· Precision Voltage Monitor for 3.3V
Power Supplies
· Available in 4-Pin SOT-143 Package
· <15µA Supply Current
· 1100ms Minimum Reset Pulse Width
· Manual Reset Input
· Specifically tailored to the reset
requirements of the
AMD Elan SC500 Series
VCC
RESET
µP
RESET
VCC
MIC8115
VCC
MR
Typical Operating Circuit
Features
Description
Pin Configuration
Ordering Information
Typical Applications
MIC8115 Microprocessor Reset Circuit
MIC8115
Microprocessor Reset Circuit


Similar Part No. - MIC8115

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115 Datasheet
267Kb / 6P
Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC8115-TUY MICREL-MIC8115-TUY Datasheet
505Kb / 7P
Microprocessor Reset Circuit
MIC8115TU MICREL-MIC8115TU Datasheet
267Kb / 6P
Microprocessor Reset Circuit
More results

Similar Description - MIC8115

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com