Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8115 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC8115 Datasheet HTML 1Page - Micrel Semiconductor MIC8115 Datasheet HTML 2Page - Micrel Semiconductor MIC8115 Datasheet HTML 3Page - Micrel Semiconductor MIC8115 Datasheet HTML 4Page - Micrel Semiconductor MIC8115 Datasheet HTML 5Page - Micrel Semiconductor MIC8115 Datasheet HTML 6Page - Micrel Semiconductor MIC8115 Datasheet HTML 7Page - Micrel Semiconductor MIC8115 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Microprocessor Reset
The RESET pin is asserted whenever VCC falls below
the reset threshold voltage or if MR (manual reset) is
forced low. The reset pin remains asserted for a period
of at least 1100ms after VCC has risen above the reset
threshold voltage or MR has returned high. The reset
function ensures the microprocessor is properly reset
and powers up into a known condition after a power fail-
ure. RESET will remain valid with VCC as low as 1.4V.
VCC Transients
The MIC8115 is relatively immune to negative-going
VCC glitches below the reset threshold. Typically, a
negative-going transient 125mV below the reset
threshold with a duration of 25
µs or less will not cause
an unwanted reset.
RESET Valid to 0V
A resistor can be added from the RESET pin to ground
to ensure the RESET output remains low with VCC
down to 0V. A 100K
Ω resistor connected from RESET
to ground is recommended. The size of the resistor
should be large enough to not load the RESET output
and small enough to pull-down any stray leakage
currents.
Circuit Description
Figure 2. Reset Timing Diagram
Figure 3. RESET Valid to VCC = 0V.
VCC
MR
RESET
t1
t1
Vthr
5
VCC
RESET
µP
RESET
VCC
MIC8115
VCC
100K
MIC8115 Microprocessor Reset Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com