Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8115 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC8115 Datasheet HTML 1Page - Micrel Semiconductor MIC8115 Datasheet HTML 2Page - Micrel Semiconductor MIC8115 Datasheet HTML 3Page - Micrel Semiconductor MIC8115 Datasheet HTML 4Page - Micrel Semiconductor MIC8115 Datasheet HTML 5Page - Micrel Semiconductor MIC8115 Datasheet HTML 6Page - Micrel Semiconductor MIC8115 Datasheet HTML 7Page - Micrel Semiconductor MIC8115 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pin Functions
3
Pin Name
Pin No.
Description
GND
1
IC Ground Pin.
RESET
2
RESET goes low if either VCC falls below the supply reset threshold or if MR is
asserted. RESET remains asserted for one reset timeout period 1100ms min.) after
both VCC exceeds the supply reset threshold and MR is deasserted.
MR
3
Manual reset input. A logic low on MR forces a reset. The reset will remain asserted
as long as MR is held low and for one reset timeout period (1100ms) min.) after MR
goes high. This input can be shorted to ground via a switch or driven from CMOS or
TTl logic. Pulled high internally through a 20k
Ω resistor. Float if unused.
VCC
4
Power supply input.
MIC8115 Microprocessor Reset Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com