Electronic Components Datasheet Search
  English  ▼

X  

MIC833 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC833
Description  Comparator and Reference with Adj. Hystersis Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC833 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC833 Datasheet HTML 1Page - Micrel Semiconductor MIC833 Datasheet HTML 2Page - Micrel Semiconductor MIC833 Datasheet HTML 3Page - Micrel Semiconductor MIC833 Datasheet HTML 4Page - Micrel Semiconductor MIC833 Datasheet HTML 5Page - Micrel Semiconductor MIC833 Datasheet HTML 6Page - Micrel Semiconductor MIC833 Datasheet HTML 7Page - Micrel Semiconductor MIC833 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC833
Micrel
MIC833
6
January 2000
Example Application
The battery charger of Figure 3 uses the MIC833 to detect a
low-battery voltage condition (V
DIS) and enables a constant-
current source (I
CHG). Charging current is enabled until a
charged-battery voltage condition (V
CHG) is detected; at
which time the charging-current source is disabled.
Diode D1 was added to Figure 3 to ensure the disabled
current source does not draw battery current. Whether or not
D1 is required is a function of the output stage of the current
source and how it is disabled.
The circuitry of Figure 3 is deliberately generalized to imply
flexibility of application. Depending on the application, it may
not be possibly to power the MIC833 from the charger supply
voltage, see Note 2. It may be necessary to provide a
separate voltage regulator, or a resistive voltage divider to
reduce the VDD applied to the MIC833. The part can be
supplied by the battery voltage (V
BAT) if this voltage is never
lower than 1.5V, the minimum operating V
DD of the part.
Voltage thresholds, V
DIS and VCHG, are programmed as
described in the appropriate above paragraph.
VDD
R4
100k
Battery
VBATT
(to load)
D1
Note 1
Note 2
Constant-Current
Source
VDIS
R2
R3
VCHG
MIC833
0.1
µF
LTH
HTH
OUT
GND
IN
OUT
GND
EN
Charger
Supply
Voltage
Note 1. D1 may not be required.
It is shown here to
indicate the disabled
current source should
not load the battery.
Note 2. VDD of the MIC833 is
limited to 5.5V maximum.
The part can be powered
by VBAT if the battery is
never discharged below
VDD(min) = 1.5V
Figure 3. Battery Charger



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com