Electronic Components Datasheet Search
  English  ▼

X  

MIC833 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC833
Description  Comparator and Reference with Adj. Hystersis Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC833 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC833 Datasheet HTML 1Page - Micrel Semiconductor MIC833 Datasheet HTML 2Page - Micrel Semiconductor MIC833 Datasheet HTML 3Page - Micrel Semiconductor MIC833 Datasheet HTML 4Page - Micrel Semiconductor MIC833 Datasheet HTML 5Page - Micrel Semiconductor MIC833 Datasheet HTML 6Page - Micrel Semiconductor MIC833 Datasheet HTML 7Page - Micrel Semiconductor MIC833 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 2000
5
MIC833
MIC833
Micrel
drain to 3.1V. Using 3.1V for the V
IN(lo) threshold allows
calculation of the two remaining resistor values.
V
3.1V
1.24
1M
R2
344k
IN(lo) ==
Ω
+


R2
56k
=Ω
1M
R2 R3
R1
Ω−
−
() =
R1 600k
=Ω
The accuracy of the resistors can be chosen based upon the
accuracy required by the system.
The inputs may be subjected to voltages as high as 6V steady
state without adverse effects of any kind, regardless of the IC
supply voltage. This applys even if the supply voltage is zero.
This permits the situation in which the IC supply is turned off,
but voltage is still present on the inputs. See “Electrical
Characteritics.”
Input Transients
The MIC833 is inherently immune to very short negative-
going “glitches.” Very brief transients may exceed the V
IN(lo)
threshold without tripping the output.
As shown in Figure 2, the narrower the transient, the deeper
the threshold overdrive that will be ignored by the MIC833.
The graph represents the typical allowable transient duration
for a given amount of threshold overdrive that will not toggle
the output.
0
20
40
60
80
100
120
140
1
10
100
1000
RESET COMP. OVERDRIVE, V
REF–VLTH (mV)
Input Transient
Response
Figure 2. Input Transient Response
Initialization Behavior
When the MIC833 is powered up, the comparators and latch
become active before the reference voltage reaches its final
value. In most applications, this presents no problems. How-
ever, the user should be aware of this: when applying power
to the part, if the input voltage is
between the two thresholds,
the output of the part will be
high because input HTH will have
been higher than the 1.24V reference during initialization.
It is not very likely the part would be powered up in this state;
it is more likely the same power supply will power the part and
develop its inputs. However, if the above-described condition
should occur, the next HTH threshold crossing would
not be
processed; that is, the latch would have been already set. The
next valid input condition would have to be a crossing of the
LTH threshold, which resets the latch, after which “normal”
operation is restored.
Applications Information
Output
Since the MIC833 output is an open-drain MOSFET, most
applications will require a pull-up resistor. The value of the
resistor should not be too large or leakage effects may
dominate. 470k
Ω is the maximum recommended value. Note
that the output may be pulled up as high as 6V regardless of
IC supply voltage. See “Electrical Characteristics.”
Programming the Thresholds
The low-voltage threshold is calculated using:
VV
R1 R2 R3
R2 R3
IN(lo)
REF
=
++
+


The high-voltage threshold is calculated using:
VV
R1 R2 R3
R3
IN(hi)
REF
=
++


where, for both equations:
V
1.240V
REF =
In order to provide the additional criteria needed to solve for
the resistor values, the resistors can be selected such that
they have a given total value, that is, R1 + R2 + R3 = R
TOTAL.
A value such as 1M
Ω for R
TOTAL is a reasonable value
because it draws minimum current but has no significant
effect on accuracy.
When working with large resistors, a small amount of leakage
current can cause voltage offsets that degrade system accu-
racy. The maximum recommended total resistance from V
IN
to ground is 3M
Ω.
HTH
OUT
VDD
LTH
GND
MIC833
604k
1%
56k
1%
340k
1%
470k
VIN
R1
R2
R3
VOUT
VDD
5
3
1
4
2
Figure 1. Example Circuit
Once the desired trip points are determined, set the V
IN(hi)
threshold first.
For example, use a total of 1M
Ω = R1 + R2 + R3. For a typical
single-cell lithium ion battery, 3.6V is a good “high threshold”
because at 3.6V the battery is moderately charged. Solving
for R3:
V
3.6V
1.24
1M
R3
IN(hi) ==
Ω


R3
344k
=Ω
Once R3 is determined, the equation for V
IN(lo) can be used
to determine R2. A single lithium-ion cell, for example, should
not be discharged below 2.5V. Many applications limit the



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com