Electronic Components Datasheet Search
  English  ▼

X  

MIC833 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC833
Description  Comparator and Reference with Adj. Hystersis Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC833 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC833 Datasheet HTML 1Page - Micrel Semiconductor MIC833 Datasheet HTML 2Page - Micrel Semiconductor MIC833 Datasheet HTML 3Page - Micrel Semiconductor MIC833 Datasheet HTML 4Page - Micrel Semiconductor MIC833 Datasheet HTML 5Page - Micrel Semiconductor MIC833 Datasheet HTML 6Page - Micrel Semiconductor MIC833 Datasheet HTML 7Page - Micrel Semiconductor MIC833 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC833
Micrel
MIC833
4
January 2000
Functional Description
The MIC833 monitors a voltage and detects when it is below
or above two independently programmed levels.
Voltage Low Output
The output (OUT) is an active-high, open-drain output which
sinks current when the MIC833 detects a low input voltage at
its LTH input. This condition is latched until the HTH input is
presented with a voltage higher than the internal V
REF
(+1.24V).
Block Diagram
GND
VDD
+1.5V to +5.5V
OUT
1.24V
Bandgap
Reference
Low-Voltage
Detect
High-Voltage
Detect
R
S
Q
Q
LTH
HTH
VLTH
VHTH
MIC833
VDD
VIN
3
1
2
4
5
Trip Points
Input voltage is monitored by the comparators via a voltage
divider network. The divided voltage is compared to an
internal reference voltage. When the voltage at the LTH input
pin drops below the internal reference voltage, the output
pulls low. Because of the voltage divider, the voltage at HTH
is assured to be below the reference voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com