Electronic Components Datasheet Search
  English  ▼

X  

IL2802 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IL2802
Description  Thermal protection and flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2802 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IL2802 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
IK2802
5
2011, February Ver. 03
Electrical Characteristics
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
-
4.5
5.0
5.5
V
Sustaining Voltage at OUT pin
VDS
OUT0~OUT1
-
-
27.0
V
Output Current
IOUT
DC Test Circuit
40
-
360.0
mA
Input Voltage
for OE, QT
“H” level
VIH
Ta=-40~85 ºC
1.6
-
VDD
V
“L” level
VIL
Ta=-40~85 ºC
GND
-
0.6
V
Output Leakage Current
IOH
VOH=27V
-
-
0.5
uA
ERR Output Voltage
VOL
IOL=+1.0mA
-
-
0.5
V
ERR Turn On Impedance
RDS,(ON),ERR
Refer to the
“Test Circuit for
Electrical Characteristics
”
300
600
800
Ohm
Output Current 1
IOUT1
VDS=0.8V
Rext=1.8kOhm
-
340
-
mA
Current Skew 1
dIOUT/IOUT
IOL=340mA
VDS=0.8V
Rext=1.8kOhm
-
±1
±3
%
Output Current 2
IOUT2
VDS=0.6V
Rext=2.4kOhm
-
240
-
mA
Current Skew 2
dIOUT/IOUT
IOL=240mA
VDS=0.6V
Rext=2.4kOhm
-
±1
±3
%
Regulation of Output Current vs.
Sustaining Voltage
%/dVDS
VDS within 1.0V and 3.0V
-
±0.1
-
%/V
Regulation of Output Current vs.
Supply Voltage
%/dVDD
VDD within 4.5V and 5.5V
-
±1
-
%/V
Pull-up Resistor
RN(up)
OE, QT
300
600
800
kOhm
Thermal Shutdown temperature
TXI
Shutdown
Temp.increasing
-
165
-
ºC
TXD
Reset
Temp.decreasing
-
155
-
ºC
Supply Current
“OFF”
IDD(off) 1
Rext=Open,OUT0~OUT1=Off
-
4
9
mA
IDD(off) 2
Rext=2.4kOhm,
OUT0~OUT1=Off
-
6
10
IDD(off) 3
Rext=1.8kOhm,
OUT0~OUT1=Off
-
7
12
“ON”
IDD(on) 1
Rext=2.4kOhm,
OUT0~OUT1=On
-
5
10
IDD(on) 2
Rext=1.8kOhm,
OUT0~OUT1=On
-
6
10
TEST CIRCUIT FOR ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com