Electronic Components Datasheet Search
  English  ▼

X  

IL2802 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IL2802
Description  Thermal protection and flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2802 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IL2802 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TECHNICAL DATA
1
2011, February Ver. 03
Small Outline Package
SOP8
HIGH-POWER LED DRIVER
FEATURES
 2 constant-current output channels
 Constant output current invariant to load voltage
change
 Maximum output constant current per channel:
360 mA
 Thermal protection and flag
 Output current adjusted through an external resis-
tor
 Schmitt trigger input
 5V supply voltage
 Package type: Pb-free package with thermal pad
ORDERING INFORMATION
Device
Operating Tempera-
ture Range
Package
Shipping
IK2802DT
ТА = - 40 ... + 85 С
SOP-8
Tape& Reel
Current Accuracy
Conditions
Between Channels
Between ICs
<±3%
<±6%
IOUT = 40mA ~ 360 mA
@ VDS= 0.6V
PRODUCT DESCRIPTION
IK2802 is an instant On/Off LED driver for high power LED applications and exploits to enhance its
output characteristics.
IK2802 provides users with 2-channel constant current ports. Users may adjust the output current up
to 360 mA through an external resistor, Rext, which gives users flexibility in controlling the light intensity of
LEDs. Also, users can precisely adjust LED brightness from 0% to 100% via output control with Pulse Width
Modulation. Alternatively, IK2802 provides one-step current adjustment to make 25% of the output current
via enabling the quarter pin (QT) as “Low”.
Additionally, to ensure the system reliability, IK2802 is built with Thermal Protection (TP) function and
thermal pad. The TP function protects IC from over temperature (165°C). Also, the thermal pad enhances
the power dissipation. As a result, a large amount of current can be sunk safely in one package.
APPLICATIONS
 High-flux LED lighting
 Automotive interior lighting
IK2802


Similar Part No. - IL2802

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL2 SIEMENS-IL2 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
IL2 VISHAY-IL2 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL2 VISHAY-IL2 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
logo
ISOCOM COMPONENTS
IL2 ISOCOM-IL2 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL2 VISHAY-IL2 Datasheet
135Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results

Similar Description - IL2802

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
Thermal shutdown protection and diagnosis
18-Sep-2013
logo
IK Semicon Co., Ltd
IK2802D IKSEMICON-IK2802D Datasheet
348Kb / 13P
Thermal protection and flag
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
Current Limiting and Thermal Protection
logo
Texas Instruments
TLV710 TI1-TLV710_16 Datasheet
1Mb / 32P
Over-Current and Thermal Protection
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
Current Limiting and Thermal Protection
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
logo
STMicroelectronics
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
Thermal and short-circuit protection
19-Dec-2007
ST1S15 STMICROELECTRONICS-ST1S15 Datasheet
1Mb / 27P
Short-circuit and thermal protection
24-Feb-2015
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com