Electronic Components Datasheet Search
  English  ▼

X  

IL2802 Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IL2802
Description  Thermal protection and flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2802 Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IL2802 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 9Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 10Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 11Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IK2802
8
2011, February Ver. 03
Constant Current
In LED lighting applications, IK2802 provides nearly no variation in current from channel to channel and from IC
to IC. This can be achieved by:
1) The maximum current variation between channels is less than ±3%, and that between ICs is less than ±6%.
2) In addition, the current characteristic of output stage is flat and users can refer to the figure as shown below.
The output current can be kept constant regardless of the variations of LED forward voltages (VF). This guarantee
s
LED to be performed on the same brightness as user’s specification.
Figure 5
Iout versus Vds
0
40
80
120
160
200
240
280
320
360
400
0
1
2
3
4
Vds (V)
16,1k
4,9k
2,9k
2,1k
1,6k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com