Electronic Components Datasheet Search
  English  ▼

X  

LM4810 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4810
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4810 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4810 Datasheet HTML 2Page - Texas Instruments LM4810 Datasheet HTML 3Page - Texas Instruments LM4810 Datasheet HTML 4Page - Texas Instruments LM4810 Datasheet HTML 5Page - Texas Instruments LM4810 Datasheet HTML 6Page - Texas Instruments LM4810 Datasheet HTML 7Page - Texas Instruments LM4810 Datasheet HTML 8Page - Texas Instruments LM4810 Datasheet HTML 9Page - Texas Instruments LM4810 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM4810
SNAS125D – FEBRUARY 2001 – REVISED APRIL 2013
www.ti.com
External Components Description
Components
Functional Description (See Figure 1)
The inverting input resistance, along with Rf, set the closed-loop gain. Ri, along with Ci, form a high pass filter with fc =
1. Ri
1/(2
πRiCi).
The input coupling capacitor blocks DC voltage at the amplifier's input terminals. Ci, along with Ri, create a highpass filter
2. Ci
with fc = 1/(2πRiCi). Refer to SELECTING PROPER EXTERNAL COMPONENTS, for an explanation of determining the
value of Ci.
3. Rf
The feedback resistance, along with Ri, set closed-loop gain.
This is the supply bypass capacitor. It provides power supply filtering. Refer to Application Information for proper placement
4. CS
and selection of the supply bypass capacitor.
This is the BYPASS pin capacitor. It provides half-supply filtering. Refer to SELECTING PROPER EXTERNAL
5. CB
COMPONENTS for information concerning proper placement and selection of CB.
This is the output coupling capacitor. It blocks the DC voltage at the amplifier's output and forms a high pass filter with RL at
6. CO
fO = 1/(2πRLCO)
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com