Electronic Components Datasheet Search
  English  ▼

X  

LM4810 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM4810
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4810 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM4810 Datasheet HTML 11Page - Texas Instruments LM4810 Datasheet HTML 12Page - Texas Instruments LM4810 Datasheet HTML 13Page - Texas Instruments LM4810 Datasheet HTML 14Page - Texas Instruments LM4810 Datasheet HTML 15Page - Texas Instruments LM4810 Datasheet HTML 16Page - Texas Instruments LM4810 Datasheet HTML 17Page - Texas Instruments LM4810 Datasheet HTML 18Page - Texas Instruments LM4810 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LM4810
www.ti.com
SNAS125D – FEBRUARY 2001 – REVISED APRIL 2013
OPTIMIZING CLICK AND POP REDUCTION PERFORMANCE
The LM4810 contains circuitry that minimizes turn-on and shutdown transients or “clicks and pop”. For this
discussion, turn-on refers to either applying the power supply voltage or when the shutdown mode is deactivated.
During turn-on, the LM4810's internal amplifiers are configured as unity gain buffers. An internal current source
charges up the capacitor on the BYPASS pin in a controlled, linear manner. The gain of the internal amplifiers
remains unity until the voltage on the BYPASS pin reaches 1/2 VDD. As soon as the voltage on the BYPASS pin
is stable, the device becomes fully operational. During device turn-on, a transient (pop) is created from a voltage
difference between the input and output of the amplifier as the voltage on the BYPASS pin reaches 1/2 VDD. For
this discussion, the input of the amplifier refers to the node between RI and CI. Ideally, the input and output track
the voltage applied to the BYPASS pin. During turn-on, the buffer-configured amplifier output charges the input
capacitor, CI, through the input resistor, RI. This input resistor delays the charging time of CI thereby causing the
voltage difference between the input and output that results in a transient (pop). Higher value capacitors need
more time to reach a quiescent DC voltage (usually 1/2 VDD) when charged with a fixed current. Decreasing the
value of CI and RI will minimize the turn-on pops at the expense of the desired -3dB frequency.
Although the BYPASS pin current cannot be modified, changing the size of CB alters the device's turn-on time
and the magnitude of “clicks and pops”. Increasing the value of CB reduces the magnitude of turn-on pops.
However, this presents a tradeoff: as the size of CB increases, the turn-on time increases. There is a linear
relationship between the size of CB and the turn-on time. Here are some typical turn-on times for various values
of CB:
CB
TON
0.1µF
80ms
0.22µF
170ms
0.33µF
270ms
0.47µF
370ms
0.68µF
490ms
1.0µF
920ms
2.2µF
1.8sec
3.3µF
2.8sec
4.7µF
3.4sec
10µF
7.7sec
In order eliminate “clicks and pops”, all capacitors must be discharged before turn-on. Rapidly switching VDD may
not allow the capacitors to fully discharge, which may cause “clicks and pops”. In a single-ended configuration,
the output is coupled to the load by CO. This capacitor usually has a high value. CO discharges through internal
20k
Ω resistors. Depending on the size of CO, the discharge time constant can be relatively large. To reduce
transients in single-ended mode, an external 1k
Ω–5kΩ resistor can be placed in parallel with the internal 20kΩ
resistor. The tradeoff for using this resistor is increased quiescent current.
AUDIO POWER AMPLIFIER DESIGN
Design a Dual 70mW/32
Ω Audio Amplifier
Given:
Power Output
70 mW
Load Impedance
32
Ω
Input Level
1 Vrms (max)
Input Impedance
20k
Ω
Bandwidth
100 Hz–20 kHz ± 0.50dB
The design begins by specifying the minimum supply voltage necessary to obtain the specified output power.
One way to find the minimum supply voltage is to use Figure 27 in Typical Performance Characteristics. Another
way, using Equation 5, is to calculate the peak output voltage necessary to achieve the desired output power for
a given load impedance. To account for the amplifier's dropout voltage, two additional voltages, based on
Figure 30 in Typical Performance Characteristics, must be added to the result obtained by Equation 5. For a
single-ended application, the result is Equation 6.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com