Electronic Components Datasheet Search
  English  ▼

X  

LM4810 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM4810
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4810 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4810 Datasheet HTML 10Page - Texas Instruments LM4810 Datasheet HTML 11Page - Texas Instruments LM4810 Datasheet HTML 12Page - Texas Instruments LM4810 Datasheet HTML 13Page - Texas Instruments LM4810 Datasheet HTML 14Page - Texas Instruments LM4810 Datasheet HTML 15Page - Texas Instruments LM4810 Datasheet HTML 16Page - Texas Instruments LM4810 Datasheet HTML 17Page - Texas Instruments LM4810 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM4810
SNAS125D – FEBRUARY 2001 – REVISED APRIL 2013
www.ti.com
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically use a 10µF in parallel with a 0.1µF filter capacitors to
stabilize the regulator's output, reduce noise on the supply line, and improve the supply's transient response.
However, their presence does not eliminate the need for a local 1.0µF tantalum bypass capacitance connected
between the LM4810's supply pins and ground. Keep the length of leads and traces that connect capacitors
between the LM4810's power supply pin and ground as short as possible. Connecting a 4.7µF capacitor, CB,
between the BYPASS pin and ground improves the internal bias voltage's stability and improves the amplifier's
PSRR. The PSRR improvements increase as the bypass pin capacitor value increases. Too large, however,
increases the amplifier's turn-on time. The selection of bypass capacitor values, especially CB, depends on
desired PSRR requirements, click and pop performance (as explained in SELECTING PROPER EXTERNAL
COMPONENTS), system cost, and size constraints.
SELECTING PROPER EXTERNAL COMPONENTS
Optimizing the LM4810's performance requires properly selecting external components. Though the LM4810
operates well when using external components with wide tolerances, best performance is achieved by optimizing
component values.
The LM4810 is unity-gain stable, giving a designer maximum design flexibility. The gain should be set to no more
than a given application requires. This allows the amplifier to achieve minimum THD+N and maximum signal-to-
noise ratio. These parameters are compromised as the closed-loop gain increases. However, low gain demands
input signals with greater voltage swings to achieve maximum output power. Fortunately, many signal sources
such as audio CODECs have outputs of 1VRMS (2.83VP-P). Please refer to AUDIO POWER AMPLIFIER DESIGN
for more information on selecting the proper gain.
Input and Output Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value input and output coupling capacitors (CI and CO in
Figure 1). A high value capacitor can be expensive and may compromise space efficiency in portable designs. In
many cases, however, the speakers used in portable systems, whether internal or external, have little ability to
reproduce signals below 150Hz. Applications using speakers with this limited frequency response reap little
improvement by using high value input and output capacitors.
Besides affecting system cost and size, Ci has an effect on the LM4810's click and pop performance. The
magnitude of the pop is directly proportional to the input capacitor's size. Thus, pops can be minimized by
selecting an input capacitor value that is no higher than necessary to meet the desired
−3dB frequency. Please
refer to the OPTIMIZING CLICK AND POP REDUCTION PERFORMANCE for a more detailed discussion on
click and pop performance.
As shown in Figure 1, the input resistor, RI and the input capacitor, CI, produce a −3dB high pass filter cutoff
frequency that is found using Equation 3. In addition, the output load RL, and the output capacitor CO, produce a
-3db high pass filter cutoff frequency defined by Equation 4.
fI-3db=1/2πRICI
(3)
fO-3db=1/2πRLCO
(4)
Also, careful consideration must be taken in selecting a certain type of capacitor to be used in the system.
Different types of capacitors (tantalum, electrolytic, ceramic) have unique performance characteristics and may
affect overall system performance.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consideration should be paid to the value of CB, the capacitor
connected to the BYPASS pin. Since CB determines how fast the LM4810 settles to quiescent operation, its
value is critical when minimizing turn-on pops. The slower the LM4810's outputs ramp to their quiescent DC
voltage (nominally 1/2 VDD), the smaller the turn-on pop. Choosing CB equal to 4.7µF along with a small value of
Ci (in the range of 0.1µF to 0.47µF), produces a click-less and pop-less shutdown function. As discussed above,
choosing Ci no larger than necessary for the desired bandwith helps minimize clicks and pops.
14
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com