Electronic Components Datasheet Search
  English  ▼

X  

LM4952 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4952
Description  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4952 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4952 Datasheet HTML 8Page - Texas Instruments LM4952 Datasheet HTML 9Page - Texas Instruments LM4952 Datasheet HTML 10Page - Texas Instruments LM4952 Datasheet HTML 11Page - Texas Instruments LM4952 Datasheet HTML 12Page - Texas Instruments LM4952 Datasheet HTML 13Page - Texas Instruments LM4952 Datasheet HTML 14Page - Texas Instruments LM4952 Datasheet HTML 15Page - Texas Instruments LM4952 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
SHUTDOWN
CONTROL
AUDIO
INPUT A
AUDIO
INPUT B
4.7 PF
0.39 PF
0.39 PF
BIAS
VOLUME
VOLUME
BYPASS
SHUTDOWN
2
3
9
8
V
DD
6
5
4:
7
1
0V - 3.3V
470 PF
DC-VOL
+
-
DC-
CONTROLLED
VOLUME
CONTROL
+
-
470 PF
4:
4
COUT
A
COUT
B
CIN
A
C BYPAS
S
CIN
B
-VIN
A
-VIN
B
R
L
R
L
AMP
B
AMP
A
C
S
VOUT
B
VOUT
A
10 PF
LM4952
SNAS230A – AUGUST 2004 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
HIGH VOLTAGE BOOMER WITH INCREASED OUTPUT POWER
Figure 40. Typical LM4952 SE Application Circuit
Unlike previous 5V Boomer amplifiers, the LM4952 is designed to operate over a power supply voltages range of
9.6V to 16V. Operating on a 12V power supply, the LM4952 will deliver 3.8W into a 4
Ω SE load with no more
than 10% THD+N.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful single-ended or bridged amplifier. Equation 1
states the maximum power dissipation point for a single-ended amplifier operating at a given supply voltage and
driving a specified output load.
PDMAX-SE = (VDD)
2/ (2π2R
L):
Single Ended
(1)
The LM4952's dissipation is twice the value given by Equation 1 when driving two SE loads. For a 12V supply
and two 4
Ω SE loads, the LM4952's dissipation is 1.82W.
The maximum power dissipation point given by Equation 1 must not exceed the power dissipation given by
Equation 2:
PDMAX' = (TJMAX - TA) / θJA
(2)
The LM4952's TJMAX = 150°C. In the TS package, the LM4952's θJA is 20°C/W when the metal tab is soldered to
a copper plane of at least 16in2. This plane can be split between the top and bottom layers of a two-sided PCB.
Connect the two layers together under the tab with a 5x5 array of vias. At any given ambient temperature TA, use
Equation 2 to find the maximum internal power dissipation supported by the IC packaging. Rearranging
Equation 2 and substituting PDMAX for PDMAX' results in Equation 3. This equation gives the maximum ambient
temperature that still allows maximum stereo power dissipation without violating the LM4952's maximum junction
temperature.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com