Electronic Components Datasheet Search
  English  ▼

X  

LM4952 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4952
Description  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4952 Datasheet(HTML) 2 Page - Texas Instruments

  LM4952 Datasheet HTML 1Page - Texas Instruments LM4952 Datasheet HTML 2Page - Texas Instruments LM4952 Datasheet HTML 3Page - Texas Instruments LM4952 Datasheet HTML 4Page - Texas Instruments LM4952 Datasheet HTML 5Page - Texas Instruments LM4952 Datasheet HTML 6Page - Texas Instruments LM4952 Datasheet HTML 7Page - Texas Instruments LM4952 Datasheet HTML 8Page - Texas Instruments LM4952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SHUTDOWN
CONTROL
AUDIO
INPUT A
AUDIO
INPUT B
4.7 PF
0.39 PF
0.39 PF
BIAS
VOLUME
VOLUME
BYPASS
SHUTDOWN
2
3
9
8
V
DD
6
5
4:
7
1
0V - 3.3V
470 PF
DC-VOL
+
-
DC-
CONTROLLED
VOLUME
CONTROL
+
-
470 PF
4:
4
COUT
A
COUT
B
CIN
A
C BYPAS
S
CIN
B
-VIN
A
-VIN
B
R
L
R
L
AMP
B
AMP
A
C
S
VOUT
B
VOUT
A
10 PF
-VIN
A
SHUTDOWN
VOUT
A
DC VOL
GND
VDD
VOUT
B
BYPASS
-VIN
B
LM4952
SNAS230A – AUGUST 2004 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. DDPAK – Top View
See Package Number KTW
L4952TS = LM4952TS
Typical Application
Figure 2. Typical LM4952 SE Audio Amplifier Application Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com