Electronic Components Datasheet Search
  English  ▼

X  

X9511 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9511
Description  Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511 Datasheet(HTML) 4 Page - Intersil Corporation

  X9511 Datasheet HTML 1Page - Intersil Corporation X9511 Datasheet HTML 2Page - Intersil Corporation X9511 Datasheet HTML 3Page - Intersil Corporation X9511 Datasheet HTML 4Page - Intersil Corporation X9511 Datasheet HTML 5Page - Intersil Corporation X9511 Datasheet HTML 6Page - Intersil Corporation X9511 Datasheet HTML 7Page - Intersil Corporation X9511 Datasheet HTML 8Page - Intersil Corporation X9511 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN8205.3
February 2, 2007
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap
around when clocked to either extreme.
AUTOSTORE
The value of the counter is stored in EEPROM mem-
ory whenever the chip senses a power-down of VCC
while ASE is enabled (held LOW). When power is
restored, the content of the memory is recalled and the
counter reset to the last value stored.
If AUTOSTORE is to be implemented, ASE is typically
hard wired to VSS. If ASE is held HIGH during power-
up and then taken LOW, the wiper will not respond to
the PU or PD inputs until ASE is brought HIGH and
held HIGH.
Manual (Push Button) Store
When ASE is not enabled (held HIGH) a push button
switch may be used to pull ASE LOW and released to
perform a manual store of the wiper position.
RTOTAL with VCC Removed
The end to end resistance of the array will fluctuate
once VCC is removed.
3
5
6
8
1
2
7
VCC
2k
Ω
VCC
PU
PD
ASE
VH
VW
VL
VSS
FIGURE 1. TYPICAL CIRCUIT WITH ASE STORE
CONTROLLED BY PUSH BUTTON SWITCH
4
3
5
8
1
2
7
VCC
VCC
PU
PD
ASE
VSS
VH
VW
VL
3.3µF
6
FIGURE 2. TYPICAL CIRCUIT WITH ASE STORE PIN USED
IN AUTOSTORE MODE
X9511



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com