Electronic Components Datasheet Search
  English  ▼

X  

X9511 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9511
Description  Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511 Datasheet(HTML) 6 Page - Intersil Corporation

  X9511 Datasheet HTML 1Page - Intersil Corporation X9511 Datasheet HTML 2Page - Intersil Corporation X9511 Datasheet HTML 3Page - Intersil Corporation X9511 Datasheet HTML 4Page - Intersil Corporation X9511 Datasheet HTML 5Page - Intersil Corporation X9511 Datasheet HTML 6Page - Intersil Corporation X9511 Datasheet HTML 7Page - Intersil Corporation X9511 Datasheet HTML 8Page - Intersil Corporation X9511 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN8205.3
February 2, 2007
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
POWER-UP AND POWER-DOWN REQUIREMENTS
The are no restrictions on the sequencing of VCC and the voltage applied to the potentiometer pins during power-up
or power-down conditions. During power-up, the data sheet parameters for the DCP do not fully apply until 1ms after
VCC reaches its final value. The VCC ramp rate spec is always in effect.
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.(4)
Max.
ICC
VCC active current
1
3
mA
PU or PD held at VIL the other at VIH
ISB
Standby supply current
100
500
µA
PU = PD = VIH
ILI
PU, PD, ASE input leakage current
10
µA
VIN = VSS to VCC
VIH
PU, PD, ASE input HIGH voltage
2
V
VlL
PU, PD, ASE input LOW voltage
0.8
V
RW
Wiper resistance
40
100
W
Wiper Current VCC/RTOT
VVH
VH terminal voltage
-5
+5
V
VVL
VL terminal voltage
-5
+5
V
CIN
(5)
ASE, PU, PD input capacitance
10
pF
VCC = 5V, VIN = 0V, TA = +25°C,
f = 1MHz
Symbol
Parameter
Limits
Unit
Min.
Typ.(4)
Max.
tGAP
Time between two separate push button events
50
µs
tDB
Debounce time
30
40
ms
tS SLOW
After debounce to wiper change on a slow mode
100
250
375
ms
tS FAST
Wiper change on a fast mode
25
50
90
ms
tPU
Power-up to wiper stable
500
µs
tR VCC
VCC power-up rate
0.2
50
V/
ms
tASTO
(5)
AUTOSTORE cycle time
2
ms
VASTH
(5)
AUTOSTORE threshold voltage
4
V
VASEND
(5)
AUTOSTORE cycle end voltage
3.5
V
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0×C
+70°C
Industrial
-40×C
+85°C
Supply Voltage
Limits
X9511
5V ± 10%
X9511



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com