Electronic Components Datasheet Search
  English  ▼

X  

X9511 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9511
Description  Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511 Datasheet(HTML) 7 Page - Intersil Corporation

  X9511 Datasheet HTML 1Page - Intersil Corporation X9511 Datasheet HTML 2Page - Intersil Corporation X9511 Datasheet HTML 3Page - Intersil Corporation X9511 Datasheet HTML 4Page - Intersil Corporation X9511 Datasheet HTML 5Page - Intersil Corporation X9511 Datasheet HTML 6Page - Intersil Corporation X9511 Datasheet HTML 7Page - Intersil Corporation X9511 Datasheet HTML 8Page - Intersil Corporation X9511 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN8205.3
February 2, 2007
AUTOSTORE Cycle Timing Diagram
Notes: VASTH - AUTOSTORE threshold voltage
VASEND - AUTOSTORE cycle end voltage
tASTO - AUTOSTORE cycle time
(4) Typical values are for TA = +25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.
Slow Mode Timing
Note:
(1) MI in the A.C. timing diagram refers to the minimum incremental change in the wiper voltage.
Fast Mode Timing
Note:
(1) MI in the A.C. timing diagram refers to the minimum incremental change in the wiper voltage.
VASTH
VCC
VASEND
tASTO
STORE TIME
AUTOS CYCLE IN PROGRESS
TIME (ms)
5
tGAP
tDB
MI(1)
VW
PU
tDB
PU
tS SLOW
tS FAST
MI(1)
1 Second
VW
X9511



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com