Electronic Components Datasheet Search
  English  ▼

X  

24LC16 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC16
Description  8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16 Datasheet(HTML) 1 Page - Microchip Technology

  24LC16 Datasheet HTML 1Page - Microchip Technology 24LC16 Datasheet HTML 2Page - Microchip Technology 24LC16 Datasheet HTML 3Page - Microchip Technology 24LC16 Datasheet HTML 4Page - Microchip Technology 24LC16 Datasheet HTML 5Page - Microchip Technology 24LC16 Datasheet HTML 6Page - Microchip Technology 24LC16 Datasheet HTML 7Page - Microchip Technology 24LC16 Datasheet HTML 8Page - Microchip Technology 24LC16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1997 Microchip Technology Inc.
DS21224A-page 1
M 24LC08B/16BMODULES
FEATURES
• ISO 7816 compliant contact locations
• Single supply with operation from 2.5-5.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
• Organized as 4 or 8 blocks of 256 bytes
(4 x 256 x 8) or (8 x 256 x 8)
• 2-wire serial interface bus, I2C
™ compatible
• Schmitt trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (2.5V) and 400kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 16 bytes
• 2 ms typical write cycle time for page-write
• ESD protection > 4,000V
• 1,000,000 ERASE/WRITE cycles guaranteed
• Data retention > 200 years
• Temperature range
DESCRIPTION
The Microchip Technology Inc. 24LC08B/16B are 8K
and 16K bit Electrically Erasable PROMs in ISO mod-
ules for smart card applications. The device is orga-
nized as four or eight blocks of 256 x 8-bit memory with
a 2-wire serial interface. The 24LC08B and 24LC16B
also have a page-write capability for up to 16 bytes of
data.
ISO MODULE LAYOUT
BLOCK DIAGRAM
- Commercial (C):
0˚C to
+70˚C
VSS
SDA
SCL
VDD
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
SDA
SCL
VCC
VSS
8K/16K I2C™ Serial EEPROMs in ISO Micromodules
I2C is a trademark of Philips Corporation.


Similar Part No. - 24LC16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16 MICROCHIP-24LC16 Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
24LC16 MICROCHIP-24LC16 Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC160-IP MICROCHIP-24LC160-IP Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC160-ISN MICROCHIP-24LC160-ISN Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC160-P MICROCHIP-24LC160-P Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
More results

Similar Description - 24LC16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA16 MICROCHIP-24AA16 Datasheet
76Kb / 12P
16K 1.8V I 2 C O Serial EEPROM
1996
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
8K/16K 5.0V I 2 C O Serial EEPROMs
1996
24LC01B MICROCHIP-24LC01B Datasheet
451Kb / 12P
1K/2K I 2 C ??Serial EEPROMs in ISO Micromodules
2009
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
4K/8K 2.5V I 2 C Serial EEPROMs
2007
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
24LC32A MICROCHIP-24LC32A Datasheet
474Kb / 16P
32K I 2 C??Serial EEPROM in ISO Micromodule
2010
logo
Rohm
BR9080AF-W ROHM-BR9080AF-W Datasheet
178Kb / 13P
8k, 16k bit EEPROMs for direct connection to serial ports
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
8k, 16k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com