Electronic Components Datasheet Search
  English  ▼

X  

24LC16 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC16
Description  8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16 Datasheet(HTML) 2 Page - Microchip Technology

  24LC16 Datasheet HTML 1Page - Microchip Technology 24LC16 Datasheet HTML 2Page - Microchip Technology 24LC16 Datasheet HTML 3Page - Microchip Technology 24LC16 Datasheet HTML 4Page - Microchip Technology 24LC16 Datasheet HTML 5Page - Microchip Technology 24LC16 Datasheet HTML 6Page - Microchip Technology 24LC16 Datasheet HTML 7Page - Microchip Technology 24LC16 Datasheet HTML 8Page - Microchip Technology 24LC16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24LC08B/16B MODULES
DS21224A-page 2
© 1997 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ................-0.6V to VCC +1.0V
Storage temperature ..................................... -65˚C to +150˚C
Ambient temp. with power applied................. -65˚C to +125˚C
Soldering temperature of leads (10 seconds) ............. +300˚C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
VSS
Ground
SDA
Serial Data
SCL
Serial Clock
VCC
+2.5V to 5.5V Power Supply
TABLE 1-2
DC CHARACTERISTICS
All Parameters apply across the speci-
fied operating ranges unless otherwise
noted.
Commercial (C):
Tamb = 0˚C to +70˚C, VCC = 2.5V to 5.5V
Parameter
Symbol
Min.
Max.
Units
Conditions
SCL and SDA pins:
High level input voltage
VIH
0.7 VCC
V
(Note)
Low level input voltage
VIL
0.3 VCC
V
(Note)
Hysteresis of Schmitt trigger inputs
VHYS
0.05 VCC
V
Vcc
≥ 2.5V (Note)
Low level output voltage
VOL
0.40
V
IOL = 3.0 mA, VCC = 4.5V
IOL = 2.1 mA, VCC = 2.5V
Input leakage current
ILI
-10
10
µA
VIN = VCC or VSS
Output leakage current
ILO
-10
10
µA
VOUT = VCC or VSS
Pin capacitance (all inputs/outputs)
CIN,
COUT
10
pF
VCC = 5.0V (Note)
Tamb = 25˚C, f = 1 MHz
Operating current
ICC Write
3
mA
VCC = 5.5V, SCL = 400 kHz
ICC Read
1
mA
VCC = 5.5V, SCL = 400 kHz
Standby current
ICCS
100
µA
VCC = 5.5V, SDA = SCL = VCC
Note: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com