Electronic Components Datasheet Search
  English  ▼

X  

24LC16 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC16
Description  8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC16 Datasheet HTML 4Page - Microchip Technology 24LC16 Datasheet HTML 5Page - Microchip Technology 24LC16 Datasheet HTML 6Page - Microchip Technology 24LC16 Datasheet HTML 7Page - Microchip Technology 24LC16 Datasheet HTML 8Page - Microchip Technology 24LC16 Datasheet HTML 9Page - Microchip Technology 24LC16 Datasheet HTML 10Page - Microchip Technology 24LC16 Datasheet HTML 11Page - Microchip Technology 24LC16 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
24LC08B/16B MODULES
© 1997 Microchip Technology Inc.
DS21224A-page 11
24LC08B/16B MODULES PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
MT = Micromodules in trays
Temperature
Range:
Blank = 0˚C to +70˚C
Device:
24LC08B
8K bit 2.5V I2C Serial EEPROM in ISO Module
24LC16B
16K bit 2.5V I2C Serial EEPROM in ISO Module
24LC08B/16B
—
/MT
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277.
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com