Electronic Components Datasheet Search
  English  ▼

X  

93AA46 Datasheet(PDF) 5 Page - Microchip Technology

Part # 93AA46
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46 Datasheet(HTML) 5 Page - Microchip Technology

  93AA46 Datasheet HTML 1Page - Microchip Technology 93AA46 Datasheet HTML 2Page - Microchip Technology 93AA46 Datasheet HTML 3Page - Microchip Technology 93AA46 Datasheet HTML 4Page - Microchip Technology 93AA46 Datasheet HTML 5Page - Microchip Technology 93AA46 Datasheet HTML 6Page - Microchip Technology 93AA46 Datasheet HTML 7Page - Microchip Technology 93AA46 Datasheet HTML 8Page - Microchip Technology 93AA46 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
DS20067G-page 5
93AA46/56/66
2.8
Erase All (ERAL)
The ERAL instruction will erase the entire memory
array to the logical “1” state. The ERAL cycle is identical
to the ERASE cycle except for the different opcode. The
ERAL cycle is completely self-timed and commences at
the falling edge of the CS. Clocking of the CLK pin is not
necessary after the device has entered the self clocking
mode. The ERAL instruction is guaranteed at 5V
±
10%.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL) and before the entire write cycle is complete.
The ERAL cycle takes (8 ms typical).
2.9
Write All (WRAL)
The WRAL instruction will write the entire memory array
with the data specified in the command. The WRAL
cycle is completely self-timed and commences at the
falling edge of the CS. Clocking of the CLK pin is not
necessary after the device has entered the self clocking
mode. The WRAL command does include an auto-
matic ERAL cycle for the device. Therefore, the WRAL
instruction does not require an ERAL instruction but the
chip must be in the EWEN status. The WRAL instruc-
tion is guaranteed at 5V
± 10%.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL).
The WRAL cycle takes 16 ms typical.
FIGURE 2-1:
SYNCHRONOUS DATA TIMING
FIGURE 2-2:
READ TIMING
CLK
STATUS VALID
VIH
VIL
CS
TCSS
TDIS
TDIH
TSV
TCSH
TCKH
TCKL
TPD
TCZ
TCZ
TPD
VIH
VIL
DI
VIH
VIL
DO
(READ)
VOH
VOL
DO
(PROGRAM)
VOH
VOL
Tri-State is a registered trademark of National Semiconductor Incorporated.
CLK
CS
TCSL
• A
• • •
A0
0
1
1
DI
DO
Dx
• • •
D0
0
Dx*
• • •
D0
Dx*
TRI-STATE™
n
D0
• • •
TRI-STATE®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com