Electronic Components Datasheet Search
  English  ▼

X  

93AA46 Datasheet(PDF) 2 Page - Microchip Technology

Part # 93AA46
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46 Datasheet(HTML) 2 Page - Microchip Technology

  93AA46 Datasheet HTML 1Page - Microchip Technology 93AA46 Datasheet HTML 2Page - Microchip Technology 93AA46 Datasheet HTML 3Page - Microchip Technology 93AA46 Datasheet HTML 4Page - Microchip Technology 93AA46 Datasheet HTML 5Page - Microchip Technology 93AA46 Datasheet HTML 6Page - Microchip Technology 93AA46 Datasheet HTML 7Page - Microchip Technology 93AA46 Datasheet HTML 8Page - Microchip Technology 93AA46 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
93AA46/56/66
DS20067G-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings
VCC ............................................................................ 7.0V
All inputs and outputs w.r.t. VSS.......... -0.6V to VCC +1.0V
Storage temperature................................-65˚C to +150˚C
Ambient temp. with power applied ...........-65˚C to +125˚C
Soldering temperature of leads (10 seconds) ........+300˚C
ESD protection on all pins ......................................... 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
ORG
Memory Configuration
NU
Not Utilized
VCC
Power Supply
TABLE 1-2:
DC AND AC ELECTRICAL CHARACTERISTICS
VCC = +1.8V to +5.5V
Commercial (C): Tamb = 0˚C to +70˚C
Parameter
Symbol
Min
Typ
Max
Units
Conditions
High level input voltage
VIH1
2.0
—
VCC+1
V
VCC
≥ 2.7V
VIH2
0.7 VCC
—VCC+1
V
VCC < 2.7V
Low level input voltage
VIL1
-0.3
—
0.8
V
VCC
≥ 2.7V
VIL2
-0.3
—
0.2 VCC
VVCC < 2.7V
Low level output voltage
VOL1
—
—
0.4
V
IOL = 2.1 mA; VCC = 4.5V
VOL2
—
—
0.2
V
IOL = 100
µA; VCC = 1.8V
High level output voltage
VOH1
2.4
—
—
V
IOH = -400
µA; VCC = 4.5V
VOH2VCC-0.2
—
—
V
IOH = -100
µA; VCC = 1.8V
Input leakage current
ILI
-10
—
10
µAVIN = 0.1V to VCC
Output leakage current
ILO
-10
—
10
µAVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
——
7
pF
VIN/VOUT = 0V (Note 1 & 2)
Tamb = +25˚C, FCLK = 1 MHz
Operating current
ICC write
—
—
3
mA
FCLK=2 MHz; VCC=5.5V (Note 2)
ICC read
—
—
70
1
500
mA
µA
µA
FCLK = 2 MHz; VCC = 5.5V
FCLK = 1 MHz; VCC = 3.0V
FCLK = 1 MHz; VCC = 1.8V
Standby current
ICCS
2
100
30
µA
µA
µA
CLK = CS = 0V; VCC = 5.5V
CLK = CS = 0V; VCC = 3.0V
CLK = CS = 0V; VCC = 1.8V
Clock frequency
FCLK
2
1
MHz
MHz
VCC
≥ 4.5V
VCC < 4.5V
Clock high time
TCKH
250
ns
Clock low time
TCKL
250
ns
Chip select setup time
TCSS
50
ns
Relative to CLK
Chip select hold time
TCSH
0
ns
Relative to CLK
Chip select low time
TCSL
250
ns
Data input setup time
TDIS
100
ns
Relative to CLK
Data input hold time
TDIH
100
ns
Relative to CLK
Data output delay time
TPD
400
ns
CL = 100 pF
Data output disable time
TCZ
100
ns
CL = 100 pF (Note 2)
Status valid time
TSV
500
ns
CL = 100 pF
Program cycle time
TWC
4
10
ms
ERASE/WRITE mode
TEC
8
15
ms
ERAL mode (Vcc = 5V
± 10%)
TWL
16
30
ms
WRAL mode (Vcc = 5V
± 10%)
Endurance
93AA46
93AA56/66
—
—
1M
10M
—
—
1M
10M
—
—
25
°C, Vcc = 5.0V, Block Mode
(Note 3)
Note 1: This parameter is tested at Tamb = 25
°C and FCLK = 1 MHz.
2: This parameter is periodically sampled and not 100% tested.
3: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com