Electronic Components Datasheet Search
  English  ▼

X  

93AA46 Datasheet(PDF) 7 Page - Microchip Technology

Part # 93AA46
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 93AA46 Datasheet HTML 3Page - Microchip Technology 93AA46 Datasheet HTML 4Page - Microchip Technology 93AA46 Datasheet HTML 5Page - Microchip Technology 93AA46 Datasheet HTML 6Page - Microchip Technology 93AA46 Datasheet HTML 7Page - Microchip Technology 93AA46 Datasheet HTML 8Page - Microchip Technology 93AA46 Datasheet HTML 9Page - Microchip Technology 93AA46 Datasheet HTML 10Page - Microchip Technology 93AA46 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1996 Microchip Technology Inc.
DS20067G-page 7
93AA46/56/66
FIGURE 2-6:
WRAL TIMING
FIGURE 2-7:
ERASE TIMING
FIGURE 2-8:
ERAL TIMING
CLK
CS
TCSL
0
1
DI
• • •
BUSY
D0
X
0
X
• • •
Dx
READY
TWL
DO
01
TRI-STATE
TRI-STATE
STANDBY
Guaranteed at Vcc = +4.5V to +6.0V.
CLK
CS
TCSL
1
DI
An
BUSY
A0
• • •
READY
TWC
DO
11
CHECK STATUS
STANDBY
TCZ
TRI-STATE
TSV
TRI-STATE
An-1 An-2
• Guaranteed at VCC = 5.0V
±10%.
CLK
CS
TCSL
0
DI
0
BUSY
0
READY
TEC
DO
11
CHECK STATUS
STANDBY
TCZ
TRI-STATE
T SV
TRI-STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com