Electronic Components Datasheet Search
  English  ▼

X  

TLE4678 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4678
Description  Low Drop Out Linear Voltage Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4678 Datasheet HTML 9Page - Infineon Technologies AG TLE4678 Datasheet HTML 10Page - Infineon Technologies AG TLE4678 Datasheet HTML 11Page - Infineon Technologies AG TLE4678 Datasheet HTML 12Page - Infineon Technologies AG TLE4678 Datasheet HTML 13Page - Infineon Technologies AG TLE4678 Datasheet HTML 14Page - Infineon Technologies AG TLE4678 Datasheet HTML 15Page - Infineon Technologies AG TLE4678 Datasheet HTML 16Page - Infineon Technologies AG TLE4678 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Datasheet
13
Rev. 1.2, 2014-10-17
TLE4678
Voltage Regulator
Reverse Current
at Negative Input Voltage
II
-2
-1
–
mA
VI = -16 V; VQ = 0 V
5.2.14
-5
-3
–
mA
VI = -42 V; VQ = 0 V
5.2.15
Overtemperature Shutdown
Threshold
Tj,sd
151
–
200
°C
Tj increasing 2)
5.2.16
Overtemperature Shutdown
Threshold Hysteresis
Tj,hy
–20
–
K
Tj decreasing 2)
5.2.17
1) See typical performance graph for details.
2) Parameter not subject to production test; specified by design.
3) Measured when the output voltage VQ has dropped 100 mV from its nominal value.
Electrical Characteristics: Voltage Regulator
(cont’d)
VI = 13.5 V, Tj = -40 °C to +150 °C,
all voltages with respect to ground, direction of currents as shown in Figure 4 (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Conditions
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com