Electronic Components Datasheet Search
  English  ▼

X  

TLE4678 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4678
Description  Low Drop Out Linear Voltage Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4678 Datasheet HTML 15Page - Infineon Technologies AG TLE4678 Datasheet HTML 16Page - Infineon Technologies AG TLE4678 Datasheet HTML 17Page - Infineon Technologies AG TLE4678 Datasheet HTML 18Page - Infineon Technologies AG TLE4678 Datasheet HTML 19Page - Infineon Technologies AG TLE4678 Datasheet HTML 20Page - Infineon Technologies AG TLE4678 Datasheet HTML 21Page - Infineon Technologies AG TLE4678 Datasheet HTML 22Page - Infineon Technologies AG TLE4678 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Datasheet
19
Rev. 1.2, 2014-10-17
TLE4678
Reset Function
Reset Reaction Time
In case the output voltage of the regulator drops below the output undervoltage lower reset threshold VRT,lo,
the delay capacitor CD is discharged rapidly. Once the delay capacitor’s voltage has reached the lower delay
switching threshold VDST,lo, the reset output “RO” will be set to “low”.
Additionally to the delay capacitor discharge time trr,d, an internal reaction time trr,int applies. Hence, the total
reset reaction rime trr,total becomes:
trr,total = trr,int + trr,d
(7.3)
with
• trr,total: Total reset reaction time
• trr,int: Internal reset reaction time; see Item 7.2.16.
• trr,d: Delay capacitor discharge time. For a capacitor CD different from the value specified in Item 7.2.17,
see typical performance graphs.
Reset Output “RO”
The reset output “RO” is an open collector output with an integrated pull-up resistor. In case a lower-ohmic
“RO” signal is desired, an external pull-up resistor to the output “Q” can be connected. Since the maximum
“RO” sink current is limited, the optional external resistor RRO,ext must not be lower than specified in
Item 7.2.8.
Reset Output “RO” Low for VQ ≥ 1V
In case of an undervoltage reset condition reset output “RO” is held “low” for VQ ≥ 1 V, even if the input
voltage VIis 0 V. This is achieved by supplying the reset circuit from the output capacitor.
Reset Adjust Function
The undervoltage reset switching threshold can be adjusted according to the application’s needs by
connecting an external voltage divider (RADJ1, RADJ2) at pin “RADJ”. For selecting the default threshold connect
pin “RADJ” to GND. The reset adjustment range is given in Item 7.2.6.
When dimensioning the voltage divider, take into consideration that there will be an additional current
constantly flowing through the resistors.
With a voltage divider connected, the reset switching threshold VRT,adj is calculated as follows:
VRT,adj = VRADJ,th × (RADJ,1 + RADJ,2) / RADJ,2
(7.4)
with
• VRT,adj: Desired reset switching threshold.
• RADJ,1, RADJ,2: Resistors of the external voltage divider, see Figure 7.
• VRADJ,th: Reset adjust switching threshold given in Item 7.2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com