Electronic Components Datasheet Search
  English  ▼

X  

TLE4678 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4678
Description  Low Drop Out Linear Voltage Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4678 Datasheet HTML 17Page - Infineon Technologies AG TLE4678 Datasheet HTML 18Page - Infineon Technologies AG TLE4678 Datasheet HTML 19Page - Infineon Technologies AG TLE4678 Datasheet HTML 20Page - Infineon Technologies AG TLE4678 Datasheet HTML 21Page - Infineon Technologies AG TLE4678 Datasheet HTML 22Page - Infineon Technologies AG TLE4678 Datasheet HTML 23Page - Infineon Technologies AG TLE4678 Datasheet HTML 24Page - Infineon Technologies AG TLE4678 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Datasheet
21
Rev. 1.2, 2014-10-17
TLE4678
Reset Function
7.2
Electrical Characteristics Reset Function
Electrical Characteristics: Reset Function
VI = 13.5 V, Tj = -40 °C to +150 °C,
all voltages with respect to ground, direction of currents as shown in Figure 7 (unless otherwise specified).
Parameter
Symbol
Limit Values
Unit
Conditions
Number
Min.
Typ.
Max.
Output Undervoltage Reset Comparator Default Values (Pin RADJ = GND)
Output Undervoltage Reset
Lower Switching Threshold
VRT,lo
4.6
4.7
4.8
V
VI = 0 V
VQ decreasing
RADJ = GND
7.2.1
Output Undervoltage Reset
Upper Switching Threshold
VRT,hi
4.7
4.8
4.9
V
VI within operating
range
VQ increasing
RADJ = GND
7.2.2
Output Undervoltage Reset
Switching Hysteresis
VRT,hy
60
120
–
mV
VI within operating
range
RADJ = GND.
7.2.3
Output Undervoltage Reset
Headroom
VRH
250
300
–
mV
Calculated Value:
VQ - VRT,lo
VI within operating
range
IQ = 50 mA
RADJ = GND
7.2.4
Reset Threshold Adjustment
Reset Adjust
Lower Switching Threshold
VRADJ,th
1.176 1.20
1.224 V
VI = 0 V
3.2 V ≤ VQ < 5 V
7.2.5
Lower Reset Threshold
Adjustment Range 1)
VRT,adj
3.20
–
VRT,lo V–
7.2.6
Reset Output RO
Reset Output Low Voltage
VRO,low
–
0.2
0.4
V
VI = 0 V;
RRO,ext = 3.3 kΩ;
1V ≤ VQ ≤ VRT,low
7.2.7
Reset Output
External Pull-up Resistor to Q
RRO,ext
3–
–
kΩ
VI = 0 V;
VRO = 0.4 V
1V ≤ VQ ≤ VRT,low
7.2.8
Reset Output
Internal Pull-up Resistor
RRO
20
30
40
kΩ
internally connected
to Q
7.2.9
Reset Delay Timing
Upper Delay
Switching Threshold
VDST,hi
–
1.21
–
V
–
7.2.10
Lower Delay
Switching Threshold
VDST,lo
–
0.30
–
V
–
7.2.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com