Electronic Components Datasheet Search
  English  ▼

X  

TLE7250GVIO Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7250GVIO Datasheet HTML 1Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 2Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 3Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PG-DSO-8
Type
Package
Marking
TLE7250GVIO
PG-DSO-8
7250GVIO
Data Sheet
3
Rev. 1.1, 2014-04-23
High Speed CAN Transceiver
TLE7250GVIO
1Overview
Features
•
Fully compliant with ISO 11898-2
•
Wide common mode range for electromagnetic immunity (EMI)
•
Very low electromagnetic emission (EME)
•
Excellent ESD immunity
•
Extended supply range at
V
CC and VIO
•
Suitable for 5V and 3.3V microcontroller I/O voltages
•
CAN short-circuit proof to ground, battery and VCC
•
TxD time-out function
•
Low CAN bus leakage current in power-down state
•
Overtemperature protection
•
Protected against automotive transients
•
CAN data transmission rate up to 1 Mbps
•
V
IO input for voltage adaptation to the micro controller supply
•
Green Product (RoHS-compliant)
•
AEC Qualified
Description
The TLE7250GVIO is a transceiver designed for CAN networks in automotive and industrial applications. As an
interface between the physical bus layer and the CAN protocol controller, the TLE7250GVIO drives the signals to
the bus and protects the microcontroller against interferences generated within the network. Based on the high
symmetry of the CANH and CANL signals, the TLE7250GVIO provides a very low level of electromagnetic
emission (EME) within a wide frequency range. The TLE7250GVIO is integrated in a RoHS-compliant PG-DSO-8
package and fulfills or exceeds the requirements of ISO11898-2.
As a successor to the first generation of HS CAN transceivers, the pin assignment and function of the
TLE7250GVIO is fully compatible with its predecessor model, the TLE6250GV33. The TLE7250GVIO is optimized
to provide an excellent passive behavior in the power-down state. This feature makes the TLE7250GVIO
extremely suitable for mixed supply CAN networks.
Based on the Infineon Smart Power Technology SPT, the TLE7250GVIO provides excellent ESD immunity
together with a very high electromagnetic immunity (EMI). The Infineon Smart Power Technology SPT allows
bipolar and CMOS control circuitry in accordance with DMOS power devices to exist on the same monolithic
circuit. The TLE7250GVIO and the Infineon SPT technology are AEC qualified and tailored to withstand the harsh
conditions of the Automotive Environment.
Two different operating modes, additional fail-safe features like TxD time-out and the optimized output slew rates
on the CANH and CANL signals make the TLE7250GVIO the ideal choice for large CAN networks with high data
transmission rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com