Electronic Components Datasheet Search
  English  ▼

X  

TLE7250GVIO Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet
10
Rev. 1.1, 2014-04-23
TLE7250GVIO
Fail-safe Functions
5
Fail-safe Functions
5.1
Short-circuit Protection
The CANH and CANL bus outputs are short-circuit proof, either against GND or a positive supply voltage. A
current limiting circuit protects the transceiver against damage. If the device heats up due to a continuous short
on the CANH or CANL, the internal overtemperature protection switches off the bus transmitter.
5.2
Unconnected Logic Pins
All logic input pins have an internal pull-up resistor to
V
IO. In case the VIO supply is activated and the logical pins
are open or floating, the TLE7250GVIO enters the stand-by mode by default. In stand-by mode, the transmitter of
the TLE7250GVIO is disabled, the bus bias is connected to GND and the HS CAN TLE7250G transceiver does
not influence the data on the CAN bus.
5.3
TxD Time-out Function
The TxD time-out feature protects the CAN bus against permanent blocking in case the logical signal on the TxD
pin is continuously “low”. A continuous “low” signal on the TxD pin can have its root cause in a locked-up
microcontroller or in a short on the printed circuit board for example. In the normal-operating mode, a logical “low”
signal on the TxD pin for the time t > tTxD enables the TxD time-out feature and the TLE7250GVIO disables the
transmitter (see Figure 5). The receiver is still active and the data on the bus continues to be monitored by the
RxD output pin.
Figure 5
TxD Time-out function
Figure 5 illustrates how the transmitter is deactivated and activated again. A permanent “low” signal on the TxD
input pin activates the TxD time-out function and deactivates the transmitter. To release the transmitter after a TxD
time-out event, the TLE7250GVIO requires a signal change on the TxD input pin from logical “low” to logical “high”.
5.4
Undervoltage Detection
The HS CAN transceiver TLE7250GVIO is provided with undervoltage detection at the power supply
V
CC and at
the power supply
V
IO. In case of undervoltage at VCC or VIO, the undervoltage detection changes the operating
mode of TLE7250GVIO to the stand-by mode, regardless of the logical signal on the NEN pin (see Figure 6). If
the transceiver TLE7250GVIO recovers from the undervoltage condition, the operating mode is restored to the
programmed mode by the NEN pin.
TxD
t
t
CANH
CANL
RxD
t
TxD time-out
TxD time-out released
t > tTxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com