Electronic Components Datasheet Search
  English  ▼

X  

TLE7250GVIO Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE7250GVIO
Functional Description
Data Sheet
9
Rev. 1.1, 2014-04-23
4.3
Normal-operating Mode
In the normal-operating mode, the HS CAN transceiver TLE7250GVIO sends the serial data stream on the TxD
pin to the CAN bus. The data on the CAN bus is displayed at the RxD pin simultaneously. In normal-operating
mode, all functions of the TLE7250GVIO are active:
•
The transmitter is active and drives data from the TxD to the CAN bus.
•
The receiver is active and provides the data from the CAN bus to the RxD pin.
•
The bus biasing is set to
V
CC/2.
•
The undervoltage monitoring at the power supply
V
CC and at the power supply VIO is active.
To enter the normal-operating mode, set the NEN pin to logical “low” (see Table 2 or Figure 4). The NEN pin has
an internal pull-up resistor to the power-supply
V
IO.
4.4
Stand-by Mode
The stand-by mode is an idle mode of the TLE7250GVIO with optimized power consumption. In the stand-by
mode, the TLE7250GVIO can not send or receive any data. The transmitter and the receiver unit are disabled.
Both CAN bus pins, CANH and CANL are connected to GND via the input resistors.
•
The transmitter is disabled.
•
The receiver is disabled.
•
The input resistors of the receiver are connected to GND.
•
The undervoltage monitoring at the power supply
V
CC and at the power supply VIO is active.
To enter the stand-by mode, set the pin NEN to logical “high” (see Table 2 or Figure 4). The NEN pin has an
internal pull-up resistor to the power-supply
V
IO. If the stand-by mode is not used in the final application, the NEN
pin needs to be connected to GND.
4.5
Power-down State
The power-down state means that the TLE7250GVIO is not supplied. In power-down state, the differential input
resistors of the receiver are switched off. The CANH and CANL bus interface of the TLE7250GVIO act as high-
impedance input with a very small leakage current. The high-ohmic input does not influence the “recessive” level
of the CAN network and allows an optimized EME performance of the entire CAN network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com