Electronic Components Datasheet Search
  English  ▼

X  

LM3480 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3480
Description  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3480 Datasheet HTML 3Page - Texas Instruments LM3480 Datasheet HTML 4Page - Texas Instruments LM3480 Datasheet HTML 5Page - Texas Instruments LM3480 Datasheet HTML 6Page - Texas Instruments LM3480 Datasheet HTML 7Page - Texas Instruments LM3480 Datasheet HTML 8Page - Texas Instruments LM3480 Datasheet HTML 9Page - Texas Instruments LM3480 Datasheet HTML 10Page - Texas Instruments LM3480 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM3480
www.ti.com
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
Unless indicated otherwise, VIN = VNOM + 1.5 V, CIN = 0.1 µF, COUT = 0.1 µF, and TA .= 25°C.
Figure 1. Dropout Voltage vs Load Current
Figure 2. Dropout Voltage vs Junction Temperature
Figure 3. Ground Pin Current vs Input Voltage
Figure 4. Ground Pin Current vs Input Voltage
Figure 5. Ground Pin Current vs Load Current
Figure 6. Ground Pin Current vs Junction Temperature
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com