Electronic Components Datasheet Search
  English  ▼

X  

LM3480 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3480
Description  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3480 Datasheet HTML 5Page - Texas Instruments LM3480 Datasheet HTML 6Page - Texas Instruments LM3480 Datasheet HTML 7Page - Texas Instruments LM3480 Datasheet HTML 8Page - Texas Instruments LM3480 Datasheet HTML 9Page - Texas Instruments LM3480 Datasheet HTML 10Page - Texas Instruments LM3480 Datasheet HTML 11Page - Texas Instruments LM3480 Datasheet HTML 12Page - Texas Instruments LM3480 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM3480
www.ti.com
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Unless indicated otherwise, VIN = VNOM + 1.5 V, CIN = 0.1 µF, COUT = 0.1 µF, and TA .= 25°C.
Figure 13. Output Short-Circuit Current
Figure 14. Output Short-Circuit Current
Figure 15. Power Supply Rejection Ratio
Figure 16. Power Supply Rejection Ratio
Figure 17. DC Load Regulation
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com