Electronic Components Datasheet Search
  English  ▼

X  

LM3480 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3480
Description  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3480 Datasheet HTML 7Page - Texas Instruments LM3480 Datasheet HTML 8Page - Texas Instruments LM3480 Datasheet HTML 9Page - Texas Instruments LM3480 Datasheet HTML 10Page - Texas Instruments LM3480 Datasheet HTML 11Page - Texas Instruments LM3480 Datasheet HTML 12Page - Texas Instruments LM3480 Datasheet HTML 13Page - Texas Instruments LM3480 Datasheet HTML 14Page - Texas Instruments LM3480 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
COUT
0.1 µF
LM3480IM3-5.0
3
2
1
5 V, 100 mA OUT
6.5 V IN
CIN
0.1 µF
LM3480
www.ti.com
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3480 is a linear voltage regulator with 1.2-V ensured maximum dropout and 100-mA ensured minimum
load current. This device has 3.3-V, 5-V, 12-V, and 15-V versions. The implementation of LM3480 is discussed in
this section.
8.2 Typical Application
8.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
6.5 V
Output voltage
5 V
Output current
100 mA
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
A minimum input and output capacitance value of 0.1 µF is required for stability and adequate transient
performance. There is no specific ESR limitation, although excessively high ESR will compromise transient
performance. There is no specific limitation on a maximum capacitance value on the input or the output.
8.2.2.1.1
Output Capacitor
The minimum output capacitance required to maintain stability is 0.1 µF. Larger values of output capacitance can
be used to improve transient behavior.
8.2.3 Application Curves
Unless indicated otherwise, VIN = 6.5 V, VOUT = 5 V, COUT = 0.1 µF, and TA = 25°C
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com