Electronic Components Datasheet Search
  English  ▼

X  

LP2992 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2992
Description  LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2992 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2992_15 Datasheet HTML 7Page - Texas Instruments LP2992_15 Datasheet HTML 8Page - Texas Instruments LP2992_15 Datasheet HTML 9Page - Texas Instruments LP2992_15 Datasheet HTML 10Page - Texas Instruments LP2992_15 Datasheet HTML 11Page - Texas Instruments LP2992_15 Datasheet HTML 12Page - Texas Instruments LP2992_15 Datasheet HTML 13Page - Texas Instruments LP2992_15 Datasheet HTML 14Page - Texas Instruments LP2992_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LP2992
www.ti.com
SNVS171H – NOVEMBER 2001 – REVISED JANUARY 2015
Typical Characteristics (continued)
Unless otherwise specified: CIN = 1 µF, COUT = 4.7 µF, VIN = VOUT(NOM) + 1 V, TA = 25°C, ON/OFF pin is tied to the IN pin.
Figure 26. Line Transient Response
Figure 25. Load Transient Response
Figure 27. Line Transient Response
Figure 28. Line Transient Response
Figure 29. Line Transient Response
Figure 30. Turn-On Time
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com