Electronic Components Datasheet Search
  English  ▼

X  

LP2992 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2992
Description  LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2992 Datasheet(HTML) 3 Page - Texas Instruments

  LP2992_15 Datasheet HTML 1Page - Texas Instruments LP2992_15 Datasheet HTML 2Page - Texas Instruments LP2992_15 Datasheet HTML 3Page - Texas Instruments LP2992_15 Datasheet HTML 4Page - Texas Instruments LP2992_15 Datasheet HTML 5Page - Texas Instruments LP2992_15 Datasheet HTML 6Page - Texas Instruments LP2992_15 Datasheet HTML 7Page - Texas Instruments LP2992_15 Datasheet HTML 8Page - Texas Instruments LP2992_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LP2992
www.ti.com
SNVS171H – NOVEMBER 2001 – REVISED JANUARY 2015
5 Pin Configuration and Functions
SOT-23 (DBV) Package
5 Pins
Top View
WSON (NGD) Package
6 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV
NAME
NGD
BYPASS
4
BYPASS
1
I
Bypass capacitor for low-noise operation.
GND
2
GND
2
–
Ground.
IN
1
IN
4
I
Unregulated input voltage.
–
–
N/C
5
–
No internal connection. Connect to GND or leave open.
A low voltage on this pin disables the device, and the regulator
ON/OFF
3
ON/OFF
3
I
enters a sleep mode. A high voltage on this pin enables the device.
Regulated output voltage. This pin requires an output capacitor to
OUT
5
OUT
6
O
maintain stability. See the Detailed Design Procedure section for
output capacitor details.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com