Electronic Components Datasheet Search
  English  ▼

X  

LP2992 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2992
Description  LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2992 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2992_15 Datasheet HTML 10Page - Texas Instruments LP2992_15 Datasheet HTML 11Page - Texas Instruments LP2992_15 Datasheet HTML 12Page - Texas Instruments LP2992_15 Datasheet HTML 13Page - Texas Instruments LP2992_15 Datasheet HTML 14Page - Texas Instruments LP2992_15 Datasheet HTML 15Page - Texas Instruments LP2992_15 Datasheet HTML 16Page - Texas Instruments LP2992_15 Datasheet HTML 17Page - Texas Instruments LP2992_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LP2992
SNVS171H – NOVEMBER 2001 – REVISED JANUARY 2015
www.ti.com
Feature Description (continued)
The LP2992 is featured with the foldback current limit that allows a high peak current when VOUT > 0.5 V, and
then reduces the maximum output current as VOUT is forced to ground.
7.3.6 Overtemperature Protection
The LP2992 is designed with the thermal shutdown circuitry to turn off the output when excessive heat is
dissipated in the LDO. The internal protection circuitry of the LP2992 is designed to protect against thermal
overload conditions. Continuously running the device into thermal shutdown degrades its reliability.
7.4 Device Functional Modes
7.4.1 Operation with VOUT(TARGET) + 0.9 V ≥ VIN ≥ 16 V
The LP2992 operates if the input voltage is equal to or exceeds VOUT(TARGET) + 0.9 V. At input voltages below the
minimum VIN requirement, the device does not operate correctly and output voltage may not reach a target value.
7.4.2 Operation with ON/OFF Control
If the voltage on the ON/OFF pin is less than 0.15 V, the device is disabled and, in this shutdown state, current
does not exceed 2 µA. Raising the voltage at the ON/OFF pin above 1.6 V initiates the start-up sequence of the
device. If this feature is not to be used, the ON/OFF input should be tied to VIN to keep the regulator output on at
all times.
To assure proper operation, the signal source used to drive the ON/OFF input must be able to swing above and
below the specified turn-on/turn-off voltage thresholds listed in the Electrical Characteristics section under
VON/OFF. To prevent mis-operation, the turn-on (and turn-off) voltage signals applied to the ON/OFF input must
have a slew rate which is
≥ 40 mV/µs.
CAUTION
The regulator output voltage can not be ensured if a slow-moving ac (or dc) signal is
applied that is in the range between the specified turn-on and turn-off voltages listed
under the electrical specification VON/OFF (see Electrical Characteristics).
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com