Electronic Components Datasheet Search
  English  ▼

X  

LP3872 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3872
Description  LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3872 Datasheet(HTML) 5 Page - Texas Instruments

  LP3872_15 Datasheet HTML 1Page - Texas Instruments LP3872_15 Datasheet HTML 2Page - Texas Instruments LP3872_15 Datasheet HTML 3Page - Texas Instruments LP3872_15 Datasheet HTML 4Page - Texas Instruments LP3872_15 Datasheet HTML 5Page - Texas Instruments LP3872_15 Datasheet HTML 6Page - Texas Instruments LP3872_15 Datasheet HTML 7Page - Texas Instruments LP3872_15 Datasheet HTML 8Page - Texas Instruments LP3872_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LP3872, LP3875
www.ti.com
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 10 mA, COUT = 10 µF, VSD = 2 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Output voltage tolerance (3)
VOUT +1 V ≤ VIN ≤ 7 V, 10 mA ≤ IL ≤ 1.5 A
–1.5%
0%
1.5%
VOUT
VOUT +1 V ≤ VIN ≤ 7 V, 10 mA ≤ IL ≤ 1.5 A,
–3%
3%
–40°C
≤ TJ ≤ 125°C
Output voltage line regulation (3)
VOUT + 1 V ≤ VIN ≤ 7 V
0.02%
ΔVOL
VOUT + 1 V ≤ VIN ≤ 7 V, –40°C ≤ TJ ≤ 125°C
0.06%
Output voltage load regulation (3)
10 mA
≤ IL ≤ 1.5 A
0.06%
ΔVO/
ΔIOUT
10 mA
≤ IL ≤ 1.5 A, –40°C ≤ TJ ≤ 125°C
0.12%
IL = 150 mA
38
50
IL = 150 mA, –40°C ≤ TJ ≤ 125°C
60
VIN -
Dropout voltage (4)
mV
VOUT
IL = 1.5 A
380
450
IL = 1.5 A, –40°C ≤ TJ ≤ 125°C
550
IL = 150 mA
5
9
IL = 150 mA,–40°C ≤ TJ ≤ 125°C
10
Ground pin current in normal
IGND
mA
operation mode
IL = 1.5 A
6
14
IL = 1.5 A, –40°C ≤ TJ ≤ 125°C
15
Ground pin current in shutdown
VSD ≤ 0.3 V
0.01
10
µA
IGND
mode
–40°C
≤ TJ ≤ 85°C
50
IO(PK)
Peak output current
VOUT ≥ VO(NOM) – 4%
1.8
A
SHORT CIRCUIT PROTECTION
ISC
Short-circuit current
3.2
A
SHUTDOWN INPUT
Output = High
VIN
Output = High, –40°C
≤ TJ ≤ 125°C
2
VSDT
Shutdown threshold
V
Output = Low
0
Output = Low, –40°C
≤ TJ ≤ 125°C
0.3
TdOFF
Turnoff delay
IL = 1.5 A
20
µs
TdON
Turnon delay
IL = 1.5 A
25
µs
ISD
SD input current
VSD = VIN
1
nA
ERROR FLAG
Threshold
See(5)
10%
VT
See(5), –40°C
≤ TJ ≤ 125°C
5%
16%
Threshold hysteresis
See(5)
5%
VTH
See(5), –40°C
≤ TJ ≤ 125°C
2%
8%
ERROR flag saturation
Isink = 100 µA
0.02
VEF(Sat)
V
Isink = 100 µA, –40°C ≤ TJ ≤ 125°C
0.1
Td
Flag reset delay
1
µs
Ilk
ERROR flag pin leakage current
1
nA
Imax
ERROR flag pin sink current
VError = 0.5 V
1
mA
(1)
Limits are specified by testing, design, or statistical correlation.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5 V and above. For output voltages below 2.5 V, the dropout voltage is
nothing but the input to output differential, because the minimum input voltage is 2.5 V.
(5)
ERROR Flag threshold and hysteresis are specified as percentage of regulated output voltage. See ERROR Flag Operation.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3872 LP3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com