Electronic Components Datasheet Search
  English  ▼

X  

LP3872 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3872
Description  LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3872 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3872_15 Datasheet HTML 9Page - Texas Instruments LP3872_15 Datasheet HTML 10Page - Texas Instruments LP3872_15 Datasheet HTML 11Page - Texas Instruments LP3872_15 Datasheet HTML 12Page - Texas Instruments LP3872_15 Datasheet HTML 13Page - Texas Instruments LP3872_15 Datasheet HTML 14Page - Texas Instruments LP3872_15 Datasheet HTML 15Page - Texas Instruments LP3872_15 Datasheet HTML 16Page - Texas Instruments LP3872_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LOAD CURRENT (A)
STABLE REGION
COUT > 10 PF
0
1
2
.001
.01
0.1
1.0
10
LP3872, LP3875
www.ti.com
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
Figure 14. ESR Curve
8.2.2.3 Selecting a Capacitor
Capacitance tolerance and variation with temperature must be considered when selecting a capacitor so that the
minimum required amount of capacitance is provided over the full operating temperature range. In general, a
good tantalum capacitor will show very little capacitance variation with temperature, but a ceramic may not be as
good (depending on dielectric type). Aluminum electrolytics also typically have large temperature variation of
capacitance value.
Equally important to consider is how ESR of a capacitor changes with temperature: this is not an issue with
ceramics, as their ESR is extremely low. However, it is very important in tantalum and aluminum electrolytic
capacitors. Both show increasing ESR at colder temperatures, but the increase in aluminum electrolytic
capacitors is so severe they may not be feasible for some applications (see Capacitor Characteristics).
8.2.2.4 Capacitor Characteristics
8.2.2.4.1
Ceramic
For values of capacitance in the 10-µF to 100-µF range, ceramics are usually larger and more costly than
tantalums but give superior AC performance for bypassing high frequency noise because of very low ESR
(typically less than 10 m
Ω). However, some dielectric types do not have good capacitance characteristics as a
function of voltage and temperature.
Z5U and Y5V dielectric ceramics have capacitance that drops severely with applied voltage. A typical Z5U or
Y5V capacitor can lose 60% of its rated capacitance with half of the rated voltage applied to it. The Z5U and Y5V
also exhibit a severe temperature effect, losing more than 50% of nominal capacitance at high and low limits of
the temperature range.
X7R and X5R dielectric ceramic capacitors are strongly recommended if ceramics are used, as they typically
maintain a capacitance range within ±20% of nominal over full operating ratings of temperature and voltage. Of
course, they are typically larger and more costly than Z5U/Y5U types for a given voltage and capacitance.
8.2.2.4.2
Tantalum
Solid tantalum capacitors are recommended for use on the output because their typical ESR is very close to the
ideal value required for loop compensation. They also work well as input capacitors if selected to meet the ESR
requirements previously listed.
Tantalums also have good temperature stability: a good quality tantalum will typically show a capacitance value
that varies less than 10-15% across the full temperature range of
−40°C to 125°C. ESR will vary only about 2X
going from the high to low temperature limits.
The increasing ESR at lower temperatures can cause oscillations when marginal quality capacitors are used (if
the ESR of the capacitor is near the upper limit of the stability range at room temperature).
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3872 LP3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com