Electronic Components Datasheet Search
  English  ▼

X  

LP3872 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3872
Description  LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3872 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3872_15 Datasheet HTML 7Page - Texas Instruments LP3872_15 Datasheet HTML 8Page - Texas Instruments LP3872_15 Datasheet HTML 9Page - Texas Instruments LP3872_15 Datasheet HTML 10Page - Texas Instruments LP3872_15 Datasheet HTML 11Page - Texas Instruments LP3872_15 Datasheet HTML 12Page - Texas Instruments LP3872_15 Datasheet HTML 13Page - Texas Instruments LP3872_15 Datasheet HTML 14Page - Texas Instruments LP3872_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LP3872, LP3875
www.ti.com
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP387x devices are linear regulators designed to provide high load current of up to 1.5 A, low dropout
voltage, and low quiescent current in shutdown mode. Figure 12 and Figure 13 show the typical application
circuit for these devices.
8.1.1 Dropout Voltage
The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within
2% of the nominal output voltage. For CMOS LDOs, the dropout voltage is the product of the load current and
the Rds(on) of the internal MOSFET.
8.1.2 Reverse Current Path
The internal MOSFET in LP3872 and LP3875 has an inherent parasitic diode. During normal operation, the input
voltage is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is
pulled above the input in an application, then current flows from the output to the input as the parasitic diode gets
forward biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
200-mA continuous and 1-A peak.
8.2 Typical Application
*SD and ERROR pins must be pulled high through a 10-k
Ω pullup resistor. Connect the ERROR pin to ground if this
function is not used. See the Shutdown Mode and ERROR Flag Operation sections.
Figure 12. LP3872 Typical Application Circuit
*SD must be pulled high through a 10-k
Ω pullup resistor. See the Shutdown Mode section.
Figure 13. LP3875 Typical Application Circuit
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3872 LP3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com