Electronic Components Datasheet Search
  English  ▼

X  

LP3873 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3873
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3873_15 Datasheet HTML 7Page - Texas Instruments LP3873_15 Datasheet HTML 8Page - Texas Instruments LP3873_15 Datasheet HTML 9Page - Texas Instruments LP3873_15 Datasheet HTML 10Page - Texas Instruments LP3873_15 Datasheet HTML 11Page - Texas Instruments LP3873_15 Datasheet HTML 12Page - Texas Instruments LP3873_15 Datasheet HTML 13Page - Texas Instruments LP3873_15 Datasheet HTML 14Page - Texas Instruments LP3873_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LP3873, LP3876
www.ti.com
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
TANTALUM: Solid Tantalum capacitors are recommended for use on the output because their typical ESR is
very close to the ideal value required for loop compensation. They also work well as input capacitors if selected
to meet the ESR requirements previously listed.
Tantalums also have good temperature stability: a good quality Tantalum will typically show a capacitance value
that varies less than 10-15% across the full temperature range of 125°C to
−40°C. ESR will vary only about 2X
going from the high to low temperature limits.
The increasing ESR at lower temperatures can cause oscillations when marginal quality capacitors are used (if
the ESR of the capacitor is near the upper limit of the stability range at room temperature).
ALUMINUM: This capacitor type offers the most capacitance for the money. The disadvantages are that they are
larger in physical size, not widely available in surface mount, and have poor AC performance (especially at
higher frequencies) due to higher ESR and ESL.
Compared by size, the ESR of an aluminum electrolytic is higher than either Tantalum or ceramic, and it also
varies greatly with temperature. A typical aluminum electrolytic can exhibit an ESR increase of as much as 50X
when going from 25°C down to
−40°C.
It should also be noted that many aluminum electrolytics only specify impedance at a frequency of 120 Hz, which
indicates they have poor high frequency performance. Only aluminum electrolytics that have an impedance
specified at a higher frequency (between 20 kHz and 100 kHz) should be used for the LP387X. Derating must be
applied to the manufacturer's ESR specification, since it is typically only valid at room temperature.
Any applications using aluminum electrolytics should be thoroughly tested at the lowest ambient operating
temperature where ESR is maximum.
TURN-ON CHARACTERISTICS FOR OUTPUT VOLTAGES PROGRAMMED TO 2.0V OR BELOW
As Vin increases during start-up, the regulator output will track the input until Vin reaches the minimum operating
voltage (typically about 2.2V). For output voltages programmed to 2.0V or below, the regulator output may
momentarily exceed its programmed output voltage during start up. Outputs programmed to voltages above 2.0V
are not affected by this behavior.
PCB LAYOUT
Good PC layout practices must be used or instability can be induced because of ground loops and voltage drops.
The input and output capacitors must be directly connected to the input, output, and ground pins of the regulator
using traces which do not have other currents flowing in them (Kelvin connect).
The best way to do this is to lay out CIN and COUT near the device with short traces to the VIN, VOUT, and ground
pins. The regulator ground pin should be connected to the external circuit ground so that the regulator and its
capacitors have a "single point ground".
It should be noted that stability problems have been seen in applications where "vias" to an internal ground plane
were used at the ground points of the IC and the input and output capacitors. This was caused by varying ground
potentials at these nodes resulting from current flowing through the ground plane. Using a single point ground
technique for the regulator and it's capacitors fixed the problem.
Since high current flows through the traces going into VIN and coming from VOUT, Kelvin connect the capacitor
leads to these pins so there is no voltage drop in series with the input and output capacitors.
RFI/EMI SUSCEPTIBILITY
RFI (radio frequency interference) and EMI (electromagnetic interference) can degrade any integrated circuit's
performance because of the small dimensions of the geometries inside the device. In applications where circuit
sources are present which generate signals with significant high frequency energy content (> 1 MHz), care must
be taken to ensure that this does not affect the IC regulator.
If RFI/EMI noise is present on the input side of the regulator (such as applications where the input source comes
from the output of a switching regulator), good ceramic bypass capacitors must be used at the input pin of the IC.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com