Electronic Components Datasheet Search
  English  ▼

X  

LP3873 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP3873
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3873_15 Datasheet HTML 13Page - Texas Instruments LP3873_15 Datasheet HTML 14Page - Texas Instruments LP3873_15 Datasheet HTML 15Page - Texas Instruments LP3873_15 Datasheet HTML 16Page - Texas Instruments LP3873_15 Datasheet HTML 17Page - Texas Instruments LP3873_15 Datasheet HTML 18Page - Texas Instruments LP3873_15 Datasheet HTML 19Page - Texas Instruments LP3873_15 Datasheet HTML 20Page - Texas Instruments LP3873_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP3873ES-1.8/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3873ES
-1.8
LP3873ES-2.5
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
-40 to 125
LP3873ES
-2.5
LP3873ES-2.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3873ES
-2.5
LP3873ES-3.3
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
-40 to 125
LP3873ES
-3.3
LP3873ES-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3873ES
-3.3
LP3873ES-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3873ES
-5.0
LP3873ESX-1.8/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3873ES
-1.8
LP3873ESX-3.3
NRND
DDPAK/
TO-263
KTT
5
500
TBD
Call TI
Call TI
-40 to 125
LP3873ES
-3.3
LP3873ESX-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3873ES
-3.3
LP3873ESX-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3873ES
-5.0
LP3876ES-1.8/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3876ES
-1.8
LP3876ES-2.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3876ES
-2.5
LP3876ES-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3876ES
-3.3
LP3876ES-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3876ES
-5.0
LP3876ESX-1.8/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3876ES
-1.8
LP3876ESX-2.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3876ES
-2.5
LP3876ET-1.8/NOPB
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LP3876ET
-1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com