Electronic Components Datasheet Search
  English  ▼

X  

LP3873 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3873
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873 Datasheet(HTML) 3 Page - Texas Instruments

  LP3873_15 Datasheet HTML 1Page - Texas Instruments LP3873_15 Datasheet HTML 2Page - Texas Instruments LP3873_15 Datasheet HTML 3Page - Texas Instruments LP3873_15 Datasheet HTML 4Page - Texas Instruments LP3873_15 Datasheet HTML 5Page - Texas Instruments LP3873_15 Datasheet HTML 6Page - Texas Instruments LP3873_15 Datasheet HTML 7Page - Texas Instruments LP3873_15 Datasheet HTML 8Page - Texas Instruments LP3873_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LP3873, LP3876
www.ti.com
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
Block Diagram LP3876
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering, 5 sec.
260°C
ESD Rating(3)
2 kV
Power Dissipation(4)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +7.5V
Shutdown Input Voltage (Survival)
−0.3V to 7.5V
Output Voltage (Survival)(5)(6)
−0.3V to +6.0V
IOUT (Survival)
Short Circuit Protected
Maximum Voltage for ERROR Pin
VIN
Maximum Voltage for SENSE Pin
VOUT
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which
the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test conditions,
see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(4)
At elevated temperatures, devices must be derated based on package thermal resistance. The devices in TO-220 package must be
derated at
θjA = 50°C/W (with 0.5in
2, 1oz. copper area), junction-to-ambient (with no heat sink). The devices in the TO263 surface-
mount package must be derated at
θjA = 60°C/W (with 0.5in
2, 1oz. copper area), junction-to-ambient. See Application Hints.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output must be diode-clamped to ground.
(6)
The output PMOS structure contains a diode between the VIN and VOUT terminals. This diode is normally reverse biased. This diode will
get forward biased if the voltage at the output terminal is forced to be higher than the voltage at the input terminal. This diode can
typically withstand 200mA of DC current and 1Amp of peak current.
Operating Ratings
Input Supply Voltage(1)
2.5V to 7.0V
Shutdown Input Voltage
−0.3V to 7.0V
Maximum Operating Current (DC)
3A
Junction Temperature
−40°C to +125°C
(1)
The minimum operating value for VIN is equal to either [VOUT(NOM) + VDROPOUT] or 2.5V, whichever is greater.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com