Electronic Components Datasheet Search
  English  ▼

X  

16F628 Datasheet(PDF) 117 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 117 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 113Page - Microchip Technology 16F628 Datasheet HTML 114Page - Microchip Technology 16F628 Datasheet HTML 115Page - Microchip Technology 16F628 Datasheet HTML 116Page - Microchip Technology 16F628 Datasheet HTML 117Page - Microchip Technology 16F628 Datasheet HTML 118Page - Microchip Technology 16F628 Datasheet HTML 119Page - Microchip Technology 16F628 Datasheet HTML 120Page - Microchip Technology 16F628 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 115
PIC16F627A/628A/648A
BTFSS
Bit Test f, Skip if Set
Syntax:
[
label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
01
11bb
bfff
ffff
Description:
If bit 'b' in register 'f' is '1' then the
next instruction is skipped.
If bit 'b' is '1', then the next instruc-
tion fetched during the current
instruction execution, is discarded
and a
NOP is executed instead,
making this a two-cycle instruc-
tion.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSS
GOTO
•
•
•
REG1
PROCESS_CODE
Before Instruction
PC = address
HERE
After Instruction
if FLAG<1> = 0,
PC =
address
FALSE
if FLAG<1> = 1,
PC =
address
TRUE
CALL
Call Subroutine
Syntax:
[
label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Encoding:
10
0kkk
kkkk
kkkk
Description:
Call Subroutine. First, return
address (PC+1) is pushed onto
the stack. The eleven bit imme-
diate address is loaded into PC
bits <10:0>. The upper bits of
the PC are loaded from
PCLATH.
CALL is a two-cycle
instruction.
Words:
1
Cycles:
2
Example
HERE
CALL
THERE
Before Instruction
PC
=
Address
HERE
After Instruction
PC
=
Address
THERE
TOS =
Address
HERE+1
CLRF
Clear f
Syntax:
[
label ] CLRF f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Encoding:
00
0001
1fff
ffff
Description:
The contents of register 'f' are
cleared and the Z bit is set.
Words:
1
Cycles:
1
Example
CLRF
REG1
Before Instruction
REG1
=
0x5A
After Instruction
REG1
=
0x00
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com