Electronic Components Datasheet Search
  English  ▼

X  

16F628 Datasheet(PDF) 120 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 120 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 116Page - Microchip Technology 16F628 Datasheet HTML 117Page - Microchip Technology 16F628 Datasheet HTML 118Page - Microchip Technology 16F628 Datasheet HTML 119Page - Microchip Technology 16F628 Datasheet HTML 120Page - Microchip Technology 16F628 Datasheet HTML 121Page - Microchip Technology 16F628 Datasheet HTML 122Page - Microchip Technology 16F628 Datasheet HTML 123Page - Microchip Technology 16F628 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 118
Preliminary
 2002 Microchip Technology Inc.
INCF
Increment f
Syntax:
[
label ] INCF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) + 1
→ (dest)
Status Affected:
Z
Encoding:
00
1010
dfff
ffff
Description:
The contents of register 'f' are
incremented. If 'd' is 0 the result
is placed in the W register. If 'd'
is 1 the result is placed back in
register 'f'.
Words:
1
Cycles:
1
Example
INCF
REG1, 1
Before Instruction
REG1 = 0xFF
Z= 0
After Instruction
REG1 = 0x00
Z= 1
INCFSZ
Increment f, Skip if 0
Syntax:
[
label ] INCFSZ f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) + 1
→ (dest), skip if result = 0
Status Affected:
None
Encoding:
00
1111
dfff
ffff
Description:
The contents of register 'f' are
incremented. If 'd' is 0 the result
is placed in the W register. If 'd'
is 1 the result is placed back in
register 'f'.
If the result is 0, the next instruc-
tion, which is already fetched, is
discarded. A
NOP is executed
instead making it a two-cycle
instruction.
Words:
1
Cycles:
1(2)
Example
HERE
INCFSZ
REG1, 1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
= address
HERE
After Instruction
REG1 = REG1 + 1
if CNT = 0,
PC
= address
CONTINUE
if REG1
≠ 0,
PC
= address
HERE +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com