Electronic Components Datasheet Search
  English  ▼

X  

16F628 Datasheet(PDF) 122 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 122 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 118Page - Microchip Technology 16F628 Datasheet HTML 119Page - Microchip Technology 16F628 Datasheet HTML 120Page - Microchip Technology 16F628 Datasheet HTML 121Page - Microchip Technology 16F628 Datasheet HTML 122Page - Microchip Technology 16F628 Datasheet HTML 123Page - Microchip Technology 16F628 Datasheet HTML 124Page - Microchip Technology 16F628 Datasheet HTML 125Page - Microchip Technology 16F628 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 120
Preliminary
 2002 Microchip Technology Inc.
MOVWF
Move W to f
Syntax:
[
label ] MOVWF
f
Operands:
0
≤ f ≤ 127
Operation:
(W)
→ (f)
Status Affected:
None
Encoding:
00
0000
1fff
ffff
Description:
Move data from W register to regis-
ter 'f'
.
Words:
1
Cycles:
1
Example
MOVWF
REG1
Before Instruction
REG1 = 0xFF
W
= 0x4F
After Instruction
REG1 = 0x4F
W
= 0x4F
NOP
No Operation
Syntax:
[
label ] NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Encoding:
00
0000
0xx0
0000
Description:
No operation.
Words:
1
Cycles:
1
Example
NOP
OPTION
Load Option Register
Syntax:
[
label ] OPTION
Operands:
None
Operation:
(W)
→ OPTION
Status Affected:
None
Encoding:
00
0000
0110
0010
Description:
The contents of the W register are
loaded in the OPTION register.
This instruction is supported for
code compatibility with PIC16C5X
products. Since OPTION is a
readable/writable register, the
user can directly address it. Using
only register instruction such as
MOVWF.
Words:
1
Cycles:
1
Example
To maintain upward compatibil-
ity with future PICmicro® prod-
ucts, do not use this
instruction.
RETFIE
Return from Interrupt
Syntax:
[
label ] RETFIE
Operands:
None
Operation:
TOS
→ PC,
1
→ GIE
Status Affected:
None
Encoding:
00
0000
0000
1001
Description:
Return from Interrupt. Stack is
POPed and Top of Stack (TOS)
is loaded in the PC. Interrupts
are enabled by setting Global
Interrupt Enable bit, GIE
(INTCON<7>). This is a two-
cycle instruction.
Words:
1
Cycles:
2
Example
RETFIE
After Interrupt
PC = TOS
GIE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com