Electronic Components Datasheet Search
  English  ▼

X  

16F628 Datasheet(PDF) 135 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 135 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 131Page - Microchip Technology 16F628 Datasheet HTML 132Page - Microchip Technology 16F628 Datasheet HTML 133Page - Microchip Technology 16F628 Datasheet HTML 134Page - Microchip Technology 16F628 Datasheet HTML 135Page - Microchip Technology 16F628 Datasheet HTML 136Page - Microchip Technology 16F628 Datasheet HTML 137Page - Microchip Technology 16F628 Datasheet HTML 138Page - Microchip Technology 16F628 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 133
PIC16F627A/628A/648A
17.1
DC Characteristics: PIC16F627A/628A/648A (Industrial, Extended)
PIC16LF627A/628A/648A (Industrial)
PIC16LF627A/628A/648A
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +85°C for industrial
PIC16F627A/628A/648A
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +85°C for industrial and
-40
°C ≤ Ta ≤ +125°C for extended
Param
No.
Sym
Characteristic/Device
Min
Typ†
Max
Units
Conditions
V
DD
Supply Voltage
D001
PIC16LF627A/628A/648A
2.0
—
5.5
V
PIC16F627A/628A/648A
3.0
—
5.5
V
D002
V
DR
RAM Data Retention
Voltage(1)
—
1.5*
—
V
Device in SLEEP mode
D003
V
POR
V
DD Start Voltage
to ensure Power-on Reset
—V
SS
—
V
See Section 14.4 on Power-on
Reset for details
D004
S
VDD
V
DD Rise Rate
to ensure Power-on Reset
0.05*
—
—
V/ms
See Section 14.4 on Power-on
Reset for details
D005
V
BOR
Brown-out Reset Voltage
3.65
3.65
4.0
4.0
4.35
4.4
V
V
BOREN configuration bit is set
BOREN configuration bit is set,
Extended
Legend: Rows with standard voltage device data only are shaded for improved readability.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0 V, 25
°C, unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1: This is the limit to which V
DD can be lowered in SLEEP mode without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com