Electronic Components Datasheet Search
  English  ▼

X  

LP3997 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3997 Datasheet(HTML) 5 Page - Texas Instruments

  LP3997 Datasheet HTML 1Page - Texas Instruments LP3997 Datasheet HTML 2Page - Texas Instruments LP3997 Datasheet HTML 3Page - Texas Instruments LP3997 Datasheet HTML 4Page - Texas Instruments LP3997 Datasheet HTML 5Page - Texas Instruments LP3997 Datasheet HTML 6Page - Texas Instruments LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LP3997
www.ti.com
SNVS272B – MAY 2004 – REVISED MAY 2013
Electrical Characteristics (continued)
Unless otherwise noted, SD = 950mV, VIN = VOUT + 1.0V, CIN = 2.2 µF, IOUT = 1 mA, COUT = 2.2 µF and CBYP = 0.1 µF.
Typical values and limits appearing in normal type apply for TJ = 27°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
(1)
Limit
Symbol
Parameter
Test Conditions
Typ
Unit
Min
Max
Timing Characteristics
tON
Turn On Time (7)
To 95% Level
w/o CBYP
150
250
µs
CBYP = 0.1µF
2
ms
Transient
Line Transient Response
Trise = Tfall = 30µs
(7)
w/o CBYP
40
mV
Response
|
δVOUT|
δVIN = 600mV
(pk - pk)
CBYP = 0.1µF
4
Load Transient Response
Trise = Tfall = 1µs
(7)
70
80
mV
|
δVOUT|
IOUT = 1mA to 150mA
(7)
This electrical specification is ensured by design.
Output Capacitor, Recommended Specifications
Limit
Symbol
Parameter
Conditions
Typ
Unit
Min
Max
Co
Output Capacitor
Capacitance(1)
2.2
0.7
µF
ESR
5
500
m
Ω
(1)
The capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered
when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is
X7R. However, dependent on application, X5R, Y5V, and Z5U can also be used. (See capacitor characteristics section in Applications
Information).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com