Electronic Components Datasheet Search
  English  ▼

X  

LP3997 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3997 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments LP3997 Datasheet HTML 10Page - Texas Instruments LP3997 Datasheet HTML 11Page - Texas Instruments LP3997 Datasheet HTML 12Page - Texas Instruments LP3997 Datasheet HTML 13Page - Texas Instruments LP3997 Datasheet HTML 14Page - Texas Instruments LP3997 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LP3997
www.ti.com
SNVS272B – MAY 2004 – REVISED MAY 2013
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly ) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to -40°C, so some guard band must be allowed.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com