Electronic Components Datasheet Search
  English  ▼

X  

LP38511 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38511 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38511 Datasheet HTML 6Page - Texas Instruments LP38511 Datasheet HTML 7Page - Texas Instruments LP38511 Datasheet HTML 8Page - Texas Instruments LP38511 Datasheet HTML 9Page - Texas Instruments LP38511 Datasheet HTML 10Page - Texas Instruments LP38511 Datasheet HTML 11Page - Texas Instruments LP38511 Datasheet HTML 12Page - Texas Instruments LP38511 Datasheet HTML 13Page - Texas Instruments LP38511 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LP38511
SNOSAU6E – NOVEMBER 2007 – REVISED APRIL 2013
www.ti.com
While VIN is high enough to keep the control circuity alive, and the Enable pin is above the VEN(ON) threshold, the
control circuitry will attempt to regulate the output voltage. Since the input voltage is less than the output voltage
the control circuit will drive the gate of the pass element to the full on condition when the output voltage begins to
fall. In this condition, reverse current will flow from the output pin to the input pin, limited only by the RDS(ON) of
the pass element and the output to input voltage differential. Discharging an output capacitor up to 1000 µF in
this manner will not damage the device as the current will rapidly decay. However, continuous reverse current
should be avoided.
The internal PFET pass element in the LP38511 has an inherent parasitic diode. During normal operation, the
input voltage is higher than the output voltage and the parasitic diode is reverse biased. However, if the output
voltage to input voltage differential is more than 500 mV (typical) the parasitic diode becomes forward biased and
current flows from the output pin to the input through the diode. The current in the parasitic diode should limited
to less than 1A continuous and 5A peak.
If used in a dual-supply system where the regulator output load is returned to a negative supply, the output pin
must be diode clamped to ground. A Schottky diode is recommended for this protective clamp.
SHORT-CIRCUIT PROTECTION
The LP38511 is short circuit protected, and in the event of a peak over-current condition the short-circuit control
loop will rapidly drive the output PMOS pass element off. Once the power pass element shuts down, the control
loop will rapidly cycle the output on and off until the average power dissipation causes the thermal shutdown
circuit to respond to servo the on/off cycling to a lower frequency. Please refer to the POWER
DISSIPATION/HEATSINKING section for power dissipation calculations.
ENABLE OPERATION
The Enable ON threshold is typically 1.2V, and the OFF threshold is typically 1.0V. To ensure reliable operation
the Enable pin voltage must rise above the maximum VEN(ON) threshold and must fall below the minimum VEN(OFF)
threshold. The Enable threshold has typically 200mV of hysteresis to improve noise immunity.
The Enable pin (EN) has no internal pull-up or pull-down to establish a default condition and, as a result, this pin
must be terminated either actively or passively.
If the Enable pin is driven from a single ended device (such as discrete transistor) a pull-up resistor to VIN, or a
pull-down resistor to ground, will be required for proper operation. A 1 k
Ω to 100 kΩ resistor can be used as the
pull-up or pull-down resistor to establish default condition for the EN pin. The resistor value selected should be
appropriate to swamp out any leakage in the external single ended device, as well as any stray capacitance.
If the Enable pin is driven from a source that actively pulls high and low (such as a CMOS rail to rail comparator
output), the pull-up, or pull-down, resistor is not required.
If the application does not require the Enable function, the pin should be connected to directly to the adjacent VIN
pin.
The status of the Enable pin also affects the behavior of the ERROR Flag. While the Enable pin is high the
regulator control loop will be active and the ERROR Flag will report the status of the output voltage. When the
Enable pin is taken low the regulator control loop is shutdown, the output is turned off, and the ERROR Flag pin
is immediately forced low.
ERROR FLAG OPERATION
When the LP38511 Enable pin is high, the ERROR Flag pin will produce a logic low signal when the output
drops by more than 15% from the nominal output voltage. The drop in output voltage may be due to low input
voltage, current limiting, or thermal limiting. This flag has a built in hysteresis. The output voltage will typically
need to rise to within 10% (typical) of the nominal output voltage for the ERROR Flag to return to a logic high
state. It should also be noted that when the Enable pin is pulled low, the ERROR Flag pin is forced to be low as
well.
The internal ERROR flag comparator has an open drain output stage. Hence, the ERROR pin requires an
external pull-up resistor. The value of the pull-up resistor should be in the range of 10 k
Ω to 1 MΩ. The ERROR
Flag pin should not be pulled-up to any voltage source higher than VIN as current flow through an internal
parasitic diode may cause unexpected behavior. The ERROR Flag must be connected to ground if this function
is not used.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com